データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 16235LEDLED

  • AI
    It appears you are referring to the **16235 LED module**, which is a specific type of high-density LED matrix or segment driver often used in industrial displays, automotive lighting, or DIY electronics. Below is an overview of the electronic components and technical specifications associated with this type of part. --- ## 1. Technical Specifications The "16235" designation typically refers to a specific physical form factor or a controller IC configuration (often related to the **TM1623** or similar LED driver chips). | Feature | Description | | :--- | :--- | | **Type** | LED Driver / Controller Module | | **Interface** | Serial (3-wire or 4-wire SPI-like) | | **Display Mode** | 11 segments × 7 digits to 14 segments × 4 digits | | **Operating Voltage** | 4.5V to 5.5V | | **Package** | SOP24 / SSOP24 | | **Drive Current** | ~20mA to 50mA per segment | --- ## 2. Key Internal Components An LED module of this nature consists of several integrated electronic parts: ### A. The Driver IC (Integrated Circuit) Most modules using this numbering utilize a **Constant Current Driver**. This chip manages the multiplexing, ensuring that only a few pins are needed to control many LEDs. * **Function:** Decodes serial data into individual LED row/column signals. * **Brightness Control:** Often supports Pulse Width Modulation (PWM) for dimming. ### B. The LED Array The LEDs themselves are usually organized in a **Common Cathode** or **Common Anode** configuration. * **SMD LEDs:** Small Surface Mount Devices (often 0603 or 0805 sizes) soldered to the PCB. * **Wavelength:** Varies by color (e.g., Red ~630nm, Green ~525nm). ### C. Passive Components * **Decoupling Capacitors:** Small ceramic capacitors (usually 0.1µF) placed near the power pins to filter out electrical noise. * **Current-Limiting Resistors:** Integrated either within the IC or as small surface-mount resistors on the board to prevent the LEDs from burning out. --- ## 3. Pin Configuration (Typical) If you are wiring this part to a microcontroller (like an Arduino or ESP32), the pinout generally follows this structure: | Pin Name | Function | | :--- | :--- | | **VCC** | Positive Power Supply (5V) | | **GND** | Ground | | **DIN** | Data Input (Serial Data) | | **CLK** | Clock Input (Synchronizes data) | | **STB / CS** | Strobe / Chip Select (Activates the chip) | --- ## 4. Basic Connection Logic To use the 16235 LED driver, the electronic workflow is as follows: 1. **Data Transmission:** The microcontroller sends a bitstream via the **DIN** pin. 2. **Timing:** The **CLK** pin pulses to tell the 16235 when to read each bit. 3. **Latching:** The **STB** pin is toggled to "lock" the data into the display memory, turning the LEDs on. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between TM1623 and TM1637 driver chips?
    • ⤷ How do I calculate the power consumption for a full 16235 LED display?
    • ⤷ Can this module be controlled using an Arduino or Raspberry Pi?