データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 162J24

  • AI
    The identification **162J24** is a specific code usually found on **Film Capacitors** (such as Mylar, Polypropylene, or Polyester types). This alphanumeric string provides the three most critical specifications: Capacitance, Tolerance, and Voltage rating. --- ### 1. Breakdown of the Code The code follows the standard EIA marking system for passive components. | Segment | Value | Meaning | | :--- | :--- | :--- | | **162** | **1,600 pF** | **Capacitance:** The first two digits are significant figures, the third is the multiplier ($16 \times 10^2$). | | **J** | **±5%** | **Tolerance:** Indicates how much the actual capacitance can deviate from the rated value. | | **24** (or 2H/2A) | **Variable** | **Voltage/Series:** Often refers to a manufacturer-specific series or a DC voltage rating (e.g., 250V or 400V depending on the brand). | --- ### 2. Detailed Technical Specifications #### A. Capacitance Calculation To convert the code **162** into standard units: * **Picofarads (pF):** $16 \times 100 = 1,600 \text{ pF}$ * **Nanofarads (nF):** $1.6 \text{ nF}$ * **Microfarads (µF):** $0.0016 \text{ µF}$ #### B. Tolerance Code ("J") The letter "J" is a universal standard in electronics: * **J:** ±5% (Common for precision film capacitors) * **K:** ±10% * **M:** ±20% #### C. Voltage and Dielectric ("24") In many Chinese and Japanese marking standards, the numeric prefix or suffix represents voltage. However, "24" is less standardized than others. Common interpretations include: * **Working Voltage:** It may represent a specific breakdown voltage (e.g., 250V or 400V). * **Batch/Date Code:** In some cases, "24" may refer to the manufacturing week or year. * **Dielectric Type:** These are usually **Metallized Polypropylene Film (CBB)** or **Polyester Film (CL)** capacitors, known for stability and low loss. --- ### 3. Common Applications Capacitors with the 162J rating are typically used in: 1. **Resonant Circuits:** Due to the 1.6nF value and tight 5% tolerance. 2. **Snubber Circuits:** Used to suppress voltage spikes in switching power supplies. 3. **Audio Processing:** Used in crossovers or filtering where signal integrity is important. 4. **Lighting Ballasts:** Found in CFL or LED driver circuits for high-frequency filtering. ---
    ✨ Follow-up Questions
    • ⤷ How do I test a 162J capacitor using a multimeter?
    • ⤷ What is the difference between a '162J' and a '162K' capacitor?
    • ⤷ What physical size or package does a 162J24 usually come in?