データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 166330

  • AI
    The number **166330** is most commonly associated with industrial hardware and specific high-end automotive suspension components, particularly for Mercedes-Benz (W166 platform). However, in the context of electronics, it refers to specific **NTC (Negative Temperature Coefficient) Thermistors** or specialized industrial connectors. Below is a breakdown of the electronic specifications and applications related to this part number. --- ## 1. Electronic Component: NTC Thermistor (166330 Series) In the electronics industry, "166-330" often refers to a thermal sensing resistor. These components change their electrical resistance based on temperature. ### Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Base Resistance** | 33k Ohms (at 25°C) | | **Tolerance** | ±5% to ±10% | | **Operating Temp** | -40°C to +125°C | | **Application** | Temperature compensation, battery monitoring, HVAC sensors | --- ## 2. Automotive Electronic Assemblies (W166 Series) In the automotive sector, parts beginning with **166-330** are usually control arms or suspension links that integrate **Electronic Active Curve System (ACS)** sensors. These parts are critical for the electronic stability of the vehicle. ### Key Electronic Features: * **Sensor Integration:** These assemblies often house sensors that communicate with the **Chassis Control Unit**. * **Adaptive Damping:** They work in tandem with electronic air suspension (Airmatic) to adjust stiffness in real-time. * **Ride Height Calibration:** The physical positioning of these parts provides data to the electronic leveling system via a potentiometer or hall-effect sensor. --- ## 3. Industrial Electrical Connectors In some catalogs, **166330** refers to heavy-duty circular connectors or cable glands used in automation. ### Technical Details: * **Protection Class:** Often rated **IP68** (Waterproof/Dustproof). * **Material:** Usually nickel-plated brass or high-impact plastic. * **Circuit Use:** Used for power transmission in robotic arms and CNC machinery to prevent electromagnetic interference (EMI). --- ## Summary of Usage Depending on your industry, 166330 serves different roles: 1. **Electronics Prototyping:** A 33k Ohm NTC sensor. 2. **Automotive Repair:** A suspension component for Mercedes (ML/GLE Class) linked to electronic stability systems. 3. **Manufacturing:** A cable interface for industrial power supply.
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet of the 33k NTC thermistor?
    • ⤷ Do you need the electronic sensor pinout for the Mercedes 166330 part?
    • ⤷ Is this part number for an industrial connector application?