データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1663996

  • AI
    Based on the part number **1663996**, this component is primarily identified as a **High-Pressure Fuel Sensor** used in automotive electronic systems, specifically within the fuel injection infrastructure of Volvo and Renault heavy-duty vehicles. ### Component Overview The 1663996 is an electronic transducer that converts physical pressure within the fuel rail into an electrical signal for the Engine Control Unit (ECU). --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Fuel Rail Pressure Sensor | | **Main Application** | Diesel Engine Management Systems | | **Connector Type** | 3-Pin Sealed Connector | | **Voltage Supply** | Typically 5V DC (Reference Voltage) | | **Signal Output** | Analog Voltage (0.5V – 4.5V range) | | **OEM Compatibility** | Volvo, Renault Trucks | --- ### Electronic Operation The sensor operates on a **Piezoresistive** principle: 1. **Sensing Element:** Inside the metal housing is a diaphragm with integrated strain gauges. 2. **Signal Processing:** As fuel pressure presses against the diaphragm, the resistance of the gauges changes. An internal ASIC (Application-Specific Integrated Circuit) amplifies and temperature-compensates this change. 3. **Communication:** The sensor sends a varying voltage to the ECU. The ECU interprets this voltage to determine the exact pressure (in Bars or PSI) to adjust fuel timing and quantity. ### Pinout Configuration Typically, the 3-pin interface follows this standard electronic layout: ```yaml Pin 1: Ground (GND) Pin 2: Signal Output (Vout to ECU) Pin 3: Supply Voltage (+5V Ref) ``` ### Common Failure Symptoms When the electronic circuitry of the 1663996 fails, the following issues usually occur: * **DTC Codes:** P0190, P0191, or P0193 (Fuel Rail Pressure Sensor Circuit Malfunction). * **Limp Mode:** The engine limits RPM to prevent damage from incorrect fuel mixtures. * **Hard Starting:** The ECU cannot verify if there is enough pressure to fire the injectors. ---
    ✨ Follow-up Questions
    • ⤷How do I test the voltage output of the 1663996 sensor with a multimeter?
    • ⤷ What are the specific torque requirements for installing this pressure sensor?
    • ⤷ Are there any alternative part numbers for the 1663996 sensor for Volvo engines?