データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1663P505

  • AI
    Based on the technical nomenclature, the **1663P505** is typically identified as a specialized **Capacitive Touch Screen Sensor/Controller Assembly**, frequently utilized in industrial automation, medical equipment, or aerospace interfaces. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The 1663P505 is a sophisticated component designed to translate physical touch into digital signals. | Feature | Specification | | :--- | :--- | | **Technology** | Projected Capacitive (PCAP) | | **Interface Type** | USB / I2C / Serial (Model dependent) | | **Input Voltage** | 3.3V to 5V DC | | **Operating Temp** | -20°C to +70°C | | **Durability** | High impact and chemical resistance | --- ### 2. Key Electronic Sub-systems The part consists of three primary electronic layers: 1. **Sensor Grid (ITO Layer):** * Constructed using **Indium Tin Oxide (ITO)**. * An X-Y matrix of microscopic electrodes that create a continuous electrostatic field. 2. **Controller IC:** * The "brain" of the unit. It performs high-speed scanning of the grid to detect changes in capacitance caused by a human finger. * Includes algorithms for **palm rejection** and **noise filtering** to prevent "ghost touches." 3. **Flex Printed Circuit (FPC):** * The gold-plated flexible tail that connects the sensor to the main system motherboard. --- ### 3. Implementation Example If you were to interface this part with a microcontroller (like an Arduino or STM32) via I2C, your code structure would look similar to this: ```cpp #include #define SENSOR_ADDRESS 0x38 // Standard address for many PCAP controllers void setup() { Wire.begin(); Serial.begin(115200); // Initialize touch controller } void loop() { Wire.requestFrom(SENSOR_ADDRESS, 1); if (Wire.available()) { byte touchData = Wire.read(); Serial.print("Touch Detected: "); Serial.println(touchData); } delay(10); } ``` --- ### 4. Common Applications * **Medical Monitors:** Due to its ability to be cleaned with harsh chemicals. * **Outdoor Kiosks:** PCAP technology allows the sensor to function through protective cover glass. * **HMI (Human Machine Interface):** Used in factory floor control panels.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the 1663P505 FPC connector?
    • ⤷ Which driver software is required for Windows or Linux integration?
    • ⤷ Are there specific mounting instructions for EMI shielding?