データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1755-R

  • AI
    The **1755-R** refers to the **ControlLogix Redundancy Module Adapter**, a critical component within the Allen-Bradley (Rockwell Automation) ControlLogix family. Its primary function is to manage the synchronization and communication between two redundant chassis to ensure "bumpless" switchover in the event of a hardware failure. --- ### 1. Core Technical Components The 1755-R series (most commonly the **1756-RM2**) consists of several high-performance electronic subsystems designed for high availability: | Component | Description | | :--- | :--- | | **Fiber Optic Ports** | High-speed transceivers used to link the primary and secondary chassis. | | **Logic Controller** | An onboard ASIC/FPGA that handles real-time data synchronization without taxing the main CPU. | | **Status Display** | A digital alphanumeric display that provides diagnostic codes and system status. | | **Non-Volatile Memory** | Stores configuration and firmware data to ensure settings persist during power loss. | --- ### 2. Key Features and Functions * **Data Synchronization:** It continuously copies the memory (tags/I/O state) from the primary controller to the secondary controller. * **Redundancy Link:** It uses fiber optic cabling (LC-LC type) to provide galvanic isolation and high-speed throughput (up to 1000 Mbps depending on the specific RM version). * **Automatic Switchover:** If the primary chassis loses power, experiences a CPU fault, or a network failure, the 1755-R triggers the secondary chassis to take control in milliseconds. --- ### 3. Connection Architecture The electronic interface follows a specific topology to ensure system integrity: ```mermaid graph LR A[Primary Chassis] -- Fiber Optic Cable --- B[1756-RM2 Module] B -- Redundancy Link --- C[1756-RM2 Module] C -- Fiber Optic Cable --- D[Secondary Chassis] ``` --- ### 4. Hardware Specifications The electronics are built to industrial standards to survive harsh environments: * **Operating Voltage:** Typically 5.1V DC to 24V DC (drawn from the backplane). * **Current Draw:** Approximately 1.2A @ 5.1V. * **Power Dissipation:** ~6 Watts. * **Protocol Support:** Operates over the ControlLogix Backplane (CIP protocol). --- ### 5. Maintenance and Indicators The front panel electronics include LEDs that indicate the "Health" of the link: * **PRIM:** Solid green indicates this module is the Primary. * **SYNC:** Indicates the two chassis are synchronized. * **FAULT:** Red indicates a hardware or configuration error.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 1756-RM and the 1756-RM2 modules?
    • ⤷ How do I troubleshoot a 'Sync Failed' error on a 1755-R series module?
    • ⤷ What type of fiber optic cable is required for these redundancy modules?