データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1812SMS-R12GLD

  • AI
    The **1812SMS-R12GLD** is a high-precision, surface-mount (SMD) air core inductor manufactured by **Coilcraft**. These components are specifically designed for high-frequency RF (Radio Frequency) applications where high "Q" (quality factor) and stability are critical. --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 120 nH (Nanohenries) | | **Tolerance** | ±2% (indicated by 'G') | | **Case Size** | 1812 (4.5 x 3.2 mm) | | **Quality Factor (Q) min** | 135 at 400 MHz | | **Self Resonant Frequency (SRF)** | 1.15 GHz | | **DC Resistance (DCR) max** | 0.22 Ohms | | **Current Rating (Irms)** | 1.5 Amps | | **Termination** | Gold over Nickel (indicated by 'LD') | --- ### ## Key Features 1. **Air Core Construction:** Unlike inductors with ferrite cores, air core inductors have no core losses. This ensures a high Q factor and prevents saturation even when high current is applied. 2. **Strict Tolerance:** The **"G"** in the part number signifies a ±2% tolerance, making it suitable for precise tuning circuits and filters. 3. **High Frequency Performance:** With a Self Resonant Frequency (SRF) of 1.15 GHz, this inductor maintains its inductive properties well into the gigahertz range. 4. **Environmental Durability:** The Gold (Au) plating on the terminals provides excellent solderability and prevents oxidation, which is vital for long-term reliability in telecommunications. --- ### ## Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **1812:** The physical size (0.18 x 0.12 inches). * **SMS:** Series designation (Surface Mount Spring). * **R12:** Inductance value ($R12 = 0.12 \mu H = 120 nH$). * **G:** Tolerance code ($\pm 2\%$). * **L:** Termination style (Lead-free). * **D:** Finish (Gold/Nickel). --- ### ## Typical Applications * **RF Filtering:** Used in low-pass, high-pass, and band-pass filters. * **Impedance Matching:** Crucial for power amplifiers to ensure maximum power transfer to antennas. * **Wireless Communication:** Found in base stations, GPS equipment, and high-speed networking hardware. * **Tuning Circuits:** Used in oscillators where a stable and high-Q inductor is required to maintain frequency accuracy. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between air core and ferrite core inductors in RF design?
    • ⤷ How does the 'Q factor' impact the performance of an RF filter?
    • ⤷ Are there alternative termination finishes available for the 1812SMS series?