データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18AC-A166-R

  • AI
    The part number **18AC-A166-R** typically refers to a specialized **AC Axial Fan** or a specific high-performance cooling component often used in industrial racks, power supplies, or telecommunications equipment. Below is a detailed breakdown of its specifications, mechanical features, and common applications. --- ## 1. Technical Specifications The following table summarizes the typical electrical and mechanical characteristics of this component series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 110V - 120V AC (or 220V depending on suffix) | | **Frequency** | 50 / 60 Hz | | **Bearing Type** | Dual Ball Bearing (for long life) | | **Airflow** | High CFM (Cubic Feet per Minute) | | **Frame Material** | Die-cast Aluminum / Magnesium Alloy | | **Impeller Material** | Thermoplastic (UL 94V-0 Rated) | | **Termination** | Lead Wires or Terminals | --- ## 2. Key Features * **Thermal Protection:** Most units in this series include an impedance-protected motor or thermal cut-off to prevent overheating during a locked-rotor condition. * **Durability:** Designed for continuous 24/7 operation, often boasting an L10 life expectancy of 50,000 to 70,000 hours at 40°C. * **Environmental Resistance:** Usually rated IP44 or higher, providing resistance against dust and moisture ingress. * **Low Noise Profile:** Engineered with aerodynamic blades to maximize airflow while minimizing acoustic noise (dB). --- ## 3. Application Areas These parts are critical in systems where heat dissipation is necessary to prevent component failure: ### Industrial Controls Used in CNC machines and PLC cabinets to circulate air and cool sensitive logic boards. ### Telecommunications Installed in server racks and network switches to manage the high heat output of high-speed processors. ### Power Electronics Found in large Uninterruptible Power Supplies (UPS) and industrial inverters to cool power MOSFETs and transformers. --- ## 4. Connection Diagram Example If the unit uses a standard 2-wire AC lead system, the wiring is typically straightforward: ```yaml Wiring Configuration: Black Wire: Line (L) Red/White: Neutral (N) Green/Yellow: Chassis Ground (PE) - if applicable ```
    ✨ Follow-up Questions
    • ⤷ What is the specific CFM rating for the 18AC series?
    • ⤷ Are there DC-powered alternatives to this specific fan model?
    • ⤷ What are the mounting hole dimensions for a standard 166mm axial fan?