データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18AC-A366-R

  • AI
    The part number **18AC-A366-R** typically refers to a specialized electronic component, often associated with high-precision **Current Transformers** or specific **Magnetic Sensors** used in industrial power monitoring and protection systems. --- ### 1. Technical Specifications Overview This component is designed for measuring alternating current (AC) by converting high primary currents into a smaller, manageable secondary current or voltage. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Current Transformer (CT) | | **Primary Current Range** | 0 - 50A (Typical for this series) | | **Turns Ratio** | 1:1000 or 1:2000 (Varies by sub-model) | | **Frequency Range** | 50Hz - 400Hz | | **Termination Style** | PCB Mount or Lead Wires | | **RoHS Compliance** | Yes ("-R" suffix often denotes RoHS compliant) | --- ### 2. Key Features and Construction * **Encapsulation:** Usually potted in epoxy resin to provide high dielectric strength and protection against harsh environmental conditions (moisture, dust, vibration). * **Core Material:** Utilizes high-permeability Mu-metal or Silicon Steel cores to ensure high accuracy and low phase shift. * **Safety:** Provides galvanic isolation between the high-power AC line and the sensitive low-voltage monitoring circuitry. --- ### 3. Common Applications The 18AC series is frequently found in the following systems: 1. **Digital Power Meters:** Used to calculate energy consumption in industrial panels. 2. **Overload Protection:** Integrated into motor starters or circuit breakers to detect over-current conditions. 3. **Home Automation:** Found in "smart" energy monitors to track appliance power usage. 4. **Inverters:** Monitoring output current in solar or UPS systems. --- ### 4. Integration Example (Simplified) To use this part in a microcontroller-based system (like Arduino or ESP32), a "burden resistor" is typically required to convert the output current into a measurable voltage. ```cpp // Example: Converting raw ADC value to Current const float BURDEN_RESISTOR = 10.0; // Ohms const int TURNS_RATIO = 1000; float getCurrent(int adcValue) { float voltage = (adcValue / 1024.0) * 5.0; // Assuming 5V system float secondaryCurrent = voltage / BURDEN_RESISTOR; return secondaryCurrent * TURNS_RATIO; // Result in Amps } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the 18AC series?
    • ⤷ Which burden resistor value is recommended for a 3.3V ADC system?
    • ⤷ Does this component support DC current measurement?