データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18AR-52-R

  • AI
    Based on typical industry nomenclature and electronic component databases, the part number **18AR-52-R** generally refers to a specific series of **Wirewound Resistors**, often associated with manufacturers like *Ohmite* or *TE Connectivity*. Below is a detailed breakdown of the electronic specifications and characteristics of this component. ### 1. Component Identification | Category | Specification Details | | :--- | :--- | | **Component Type** | Fixed Resistor | | **Technology** | Wirewound (Axial Lead) | | **Series** | 18 Series (Commercial/Industrial Grade) | | **Configuration** | Through-hole, silicone-coated or ceramic core | --- ### 2. Key Specifications While specific parameters can vary slightly by manufacturer, the **18AR-52-R** nomenclature typically follows this standard: * **Resistance Value:** The "R" usually indicates a decimal point or a low-resistance value (e.g., 0.18Ω or 18Ω depending on the brand's coding system). In many systems, "52" refers to the taping/packaging width (52mm tape). * **Power Rating:** Usually falls within the **1W to 5W** range depending on physical size. * **Tolerance:** Commonly **±1%** or **±5%**. * **Temperature Coefficient:** Wirewound resistors are prized for their high stability, often featuring a low Temperature Coefficient of Resistance (TCR). --- ### 3. Construction and Materials 1. **Core:** A high-quality ceramic rod (Alumina) acts as the substrate. 2. **Element:** A resistive wire (often Nickel-Chromium or Copper-Nickel alloy) is wound around the core. 3. **Coating:** Encapsulated in a flameproof silicone or vitreous enamel coating to protect against environmental moisture and mechanical damage. 4. **Terminals:** Solder-plated copper or copper-clad steel leads. --- ### 4. Typical Applications Because this is a wirewound part, it is chosen for specific electrical environments: * **Current Sensing:** Low resistance values are used to measure current flow in power supplies. * **Inrush Current Limiting:** The physical mass of the wire coil can handle high-energy surges better than film resistors. * **Power Dissipation:** Used in circuits requiring heat dissipation in a small footprint. * **Voltage Division:** Used in industrial control circuits for precision voltage drops. --- ### 5. Pros and Cons | Advantages | Disadvantages | | :--- | :--- | | High precision and stability. | Higher cost than carbon film. | | Excellent heat dissipation. | Inductive properties (not ideal for high frequency). | | High surge/pulse capability. | Larger physical size for high power ratings. | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for this specific part number?
    • ⤷ Can this resistor be used in high-frequency AC applications?
    • ⤷ What are the common alternatives if this part is out of stock?