データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18AS2-05-R

  • AI
    The **18AS2-05-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Fixed Inductor**. These parts are essential in power management circuits for energy storage and noise filtering. Below is a detailed breakdown of its characteristics and technical specifications. --- ### 1. General Specifications While specific parameters can vary slightly by manufacturer (such as Sumida or similar magnetic component specialists), the general profile for the "18AS" series is as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Surface Mount Inductor | | **Inductance Value** | Typically 5.0 µH (indicated by the "05" code) | | **Tolerance** | Usually ±20% | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **RoHS Status** | Compliant (indicated by the "R" suffix) | --- ### 2. Physical Characteristics The "18AS" designation often refers to the physical dimensions and construction style of the inductor: * **Construction:** Wire-wound on a ferrite core. Some versions are shielded to prevent Electromagnetic Interference (EMI) with neighboring components. * **Terminations:** Solder pads located on the bottom of the component for reflow soldering. * **Compact Size:** Designed for high-density PCB layouts where vertical space is limited. --- ### 3. Key Performance Parameters When integrating this part into a circuit, engineers look at these three critical ratings: 1. **DCR (DC Resistance):** The internal resistance of the wire. A lower DCR is preferred to minimize power loss as heat. 2. **Isat (Saturation Current):** The current level at which the inductance drops by a specific percentage (usually 10-30%). Exceeding this causes the inductor to lose efficiency. 3. **Irms (Rated Current):** The continuous current the inductor can handle before its temperature rises (typically by 40°C) above ambient. --- ### 4. Common Applications The **18AS2-05-R** is frequently found in the following environments: * **DC-DC Converters:** Used as the primary energy storage element in buck or boost regulators. * **Filtering:** Used in LC filters to smooth out ripple voltage in power supplies. * **Mobile Electronics:** Found in smartphones, tablets, and handheld devices due to its small footprint. * **Consumer Electronics:** Hard drives, SSDs, and notebook motherboards. --- ### 5. Identification Logic (Part Numbering) * **18AS:** The series/frame size identifier. * **2:** Often indicates a specific height or core variation. * **05:** The inductance code (5.0 microhenries). * **R:** Indicates RoHS compliance (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions (LxWxH) of the 18AS2-05-R?
    • ⤷ What is the maximum Saturation Current (Isat) for this specific inductor?
    • ⤷ Can you provide a cross-reference or equivalent part from another manufacturer like TDK or Murata?