データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18AS2-30-R

  • AI
    The **18AS2-30-R** is a high-performance **RF Fixed Coaxial Attenuator**. These components are critical in radio frequency (RF) and microwave engineering for reducing the power of a signal without significantly distorting its waveform. --- ### 1. Technical Specifications The part number typically breaks down into specific electrical characteristics. Below are the standard specifications for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Coaxial Attenuator | | **Frequency Range** | DC to 18 GHz | | **Attenuation Value** | 30 dB | | **Impedance** | 50 Ohms (Standard RF) | | **Power Rating** | Typically 2 Watts (Average) | | **Connector Type** | SMA (Male to Female) | | **VSWR (Max)** | ~1.35:1 (Depending on frequency range) | --- ### 2. Key Features * **Broadband Performance:** Capable of operating across a wide frequency spectrum (up to 18 GHz), making it suitable for satellite, cellular, and radar applications. * **Precision Accuracy:** Designed to provide a constant 30 dB drop in signal strength with minimal deviation across the frequency band. * **Durability:** Usually constructed with passivated stainless steel bodies and gold-plated beryllium copper contacts for long-term reliability. * **Bidirectional/Directional:** While most are bidirectional, they are optimized for specific signal flow directions to maintain heat dissipation. --- ### 3. Common Applications Attenuators like the 18AS2-30-R are used in various electronic environments: 1. **Receiver Protection:** Reducing high-power signals to a level that will not damage sensitive measurement equipment (like Spectrum Analyzers). 2. **Signal Level Control:** Balancing signal levels in complex RF distribution systems. 3. **Impedance Matching:** Improving the "match" between two components to reduce reflections (VSWR). 4. **Testing and Calibration:** Used in laboratory setups to simulate path loss in wireless communication. --- ### 4. Part Number Breakdown (General Convention) While naming conventions vary by manufacturer (such as Centric RF or Fairview Microwave), the code generally follows this logic: * **18:** Refers to the Max Frequency (18 GHz). * **AS2:** Often indicates the Series/Power Rating (e.g., Attenuator SMA 2-Watt). * **30:** The Attenuation value in Decibels (dB). * **R:** Often denotes RoHS compliance (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fixed attenuator and a step attenuator?
    • ⤷ How does a 30 dB attenuation affect the actual wattage of a signal?
    • ⤷ Can this component be used in 75-ohm systems with an adapter?