データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18AS2-41-R

  • AI
    The **18AS2-41-R** is a specific technical part number, typically associated with high-precision RF (Radio Frequency) components, specifically **Step Attenuators**. These devices are used to reduce the power of a signal without significantly distorting its waveform. --- ## 1. Technical Specifications Below is a summary of the typical characteristics for this class of electronic component: | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Step Attenuator | | **Frequency Range** | DC to 2.5 GHz (Typical) | | **Attenuation Range** | 0 to 18 dB (or 41 dB depending on configuration) | | **Step Size** | 1 dB steps | | **Impedance** | 50 Ohms | | **Connector Type** | SMA Female (Standard) | | **Power Handling** | 2 Watts Average | --- ## 2. Key Internal Components The 18AS2-41-R is an electromechanical assembly consisting of several sub-parts: ### A. Resistive Network The core of the unit consists of precision thin-film or thick-film resistors arranged in "Pi" ($\pi$) or "T" networks. These are calculated to provide exact decibel (dB) drops while maintaining a 50-ohm match. ### B. Rotary Switch Mechanism * **Wiper Contacts:** High-quality gold-plated contacts ensure low insertion loss and high repeatability. * **Indexing:** A mechanical detent system that clicks into place at each dB step. ### C. Housing (Shielding) The outer body is usually made of nickel-plated brass or aluminum. This provides **EMI/RFI shielding**, preventing external signals from interfering with the attenuated signal and vice-versa. --- ## 3. Applications This part is commonly found in the following environments: 1. **Test & Measurement:** Used in labs to simulate signal fading or to protect sensitive spectrum analyzers from high power. 2. **Telecommunications:** Adjusting signal levels in cellular base stations. 3. **Prototyping:** Fine-tuning the gain stages of an RF amplifier chain. --- ## 4. Usage Precautions * **Power Limits:** Do not exceed the rated wattage (usually 2W). Overpowering will burn out the internal resistive elements. * **Torque:** When connecting SMA cables, use a calibrated torque wrench (typically 8 in-lbs) to avoid damaging the internal connectors.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum frequency range for the 18AS2-41-R?
    • ⤷ How does a step attenuator differ from a fixed attenuator?
    • ⤷ Can this component be automated using a microcontroller?