データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18AS2-66-R

  • AI
    Based on the part number provided, the **18AS2-66-R** typically refers to a **Surface Mount (SMD) Power Inductor**, often associated with manufacturers like *Coilcraft* or *Bourns* (though specific prefixes can vary by series). These components are critical for power management and signal filtering in electronic circuits. --- ### 1. Technical Specifications Below is a general technical profile for this type of component: | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | 18 µH (Microhenries) | | **Tolerance** | ±20% (Standard for this series) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Core Material** | Ferrite | | **Shielding** | Typically Shielded (to reduce EMI) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Characteristics * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation. * **High Saturation Current:** It can handle significant current spikes without the inductance dropping significantly. * **Compact Footprint:** The "18" or "AS2" designations often correlate to specific physical dimensions (e.g., 6mm x 6mm or similar, depending on the manufacturer's datasheet). * **Shielded Construction:** The magnetic field is contained within the component, preventing interference with nearby sensitive components on the PCB. --- ### 3. Common Applications The 18AS2-66-R is commonly found in the following circuits: 1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost regulators. 2. **Voltage Regulator Modules (VRM):** Found in laptops and motherboards to stabilize CPU/GPU power. 3. **LED Drivers:** Used to maintain constant current for high-brightness LEDs. 4. **Noise Filtering:** Acts as a low-pass filter to remove high-frequency noise from power supply lines. --- ### 4. Part Number Breakdown (Generic) While manufacturers have unique codes, the string usually breaks down as follows: * **18:** Often represents the Inductance value (18µH). * **AS2:** Refers to the series type or physical package size. * **66:** Internal manufacturer design or height code. * **-R:** Generally signifies **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the 18AS2-66-R series?
    • ⤷ How does a shielded inductor differ from an unshielded one in PCB design?
    • ⤷ What is the physical footprint/dimensions of the AS2 package?