データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18AT-16-R

  • AI
    The **18AT-16-R** is a specific model of an **attenuator**, typically used in RF (Radio Frequency) and microwave applications. It is designed to reduce the power level of a signal without significantly distorting its waveform. --- ### Technical Specifications and Characteristics Based on industry standards for this part numbering convention (often associated with brands like **Mini-Circuits** or similar RF component manufacturers), here are the typical specifications: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Fixed Coaxial Attenuator | | **Attenuation Value** | 16 dB | | **Frequency Range** | DC to 18 GHz (High Frequency) | | **Impedance** | 50 Ohms (Standard) | | **Connector Type** | SMA (Male/Female) | | **Power Rating** | Generally 2 Watts (Average) | --- ### Key Features 1. **Fixed Attenuation:** Unlike a variable attenuator, this provides a constant **16 dB** reduction in signal strength. 2. **Wide Bandwidth:** The "18" in the prefix often denotes its capability to handle frequencies up to **18 GHz**, making it suitable for satellite, radar, and 5G testing. 3. **Flat Frequency Response:** It is engineered to provide a consistent 16 dB drop across the entire frequency spectrum it supports. 4. **Rugged Construction:** Usually built with stainless steel or passivated connectors to ensure durability in laboratory or field environments. --- ### Common Applications * **Receiver Protection:** Reducing high-power signals to levels that won't damage sensitive measuring equipment (like Spectrum Analyzers). * **Impedance Matching:** Placed between components to improve the VSWR (Voltage Standing Wave Ratio) and reduce signal reflections. * **Signal Level Control:** Balancing power levels between different stages of a communication system. --- ### How to Read the Part Number Typically, the part number breaks down as follows: * **18:** Refers to the maximum frequency limit (18 GHz). * **AT:** Short for "Attenuator". * **16:** The attenuation value in decibels (dB). * **R:** Often denotes "RoHS Compliant" (Restriction of Hazardous Substances).
    ✨ Follow-up Questions
    • ⤷What is the difference between a fixed and a variable attenuator?
    • ⤷ How does 16 dB attenuation translate to signal power loss?
    • ⤷ What are the common connector types for RF attenuators?