データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18DO-1-R

  • AI
    The **18DO-1-R** is a specific industrial digital output module, most commonly associated with **Honeywell’s ControlEdge PLC/HC900** series or similar high-density industrial control systems. It is designed to interface a controller with external devices like solenoids, relays, and indicators. --- ### ## Technical Specifications The following table outlines the primary electronic characteristics of the 18DO-1-R module: | Feature | Specification | | :--- | :--- | | **Output Type** | Relay Output (Electromechanical) | | **Number of Channels** | 18 Channels | | **Contact Rating** | Typically 2A at 240VAC / 30VDC | | **Isolation** | Galvanic isolation between logic and field side | | **Common Type** | Shared common terminals (grouped) | | **Response Time** | ~10ms (On), ~10ms (Off) | | **Mounting** | DIN Rail / Rack mount (Series specific) | --- ### ### Key Electronic Components The internal circuitry of the 18DO-1-R consists of several critical stages: 1. **Optical Isolation:** Prevents high-voltage surges in the field from damaging the sensitive CPU or Backplane electronics. 2. **Relay Drivers:** Transistor-based circuits that provide the necessary current to energize the internal relay coils. 3. **Electromechanical Relays:** The physical "switch." These allow for a mix of AC and DC loads on different channels, providing high versatility compared to solid-state outputs. 4. **Status LEDs:** Diagnostic indicators (usually one per channel) that show the energized state of the output. 5. **Snubber/Protection Circuitry:** Includes MOVs (Metal Oxide Varistors) or diodes to suppress "back EMF" or voltage spikes when switching inductive loads. --- ### ### Wiring and Connection When integrating the 18DO-1-R, electrical engineers must consider the "Common" configuration. Unlike independent dry contacts, these modules often group several relays to a single common terminal to save space. ```yaml Terminal Wiring Logic: - Common 1: Serves Channels 1-9 - Common 2: Serves Channels 10-18 - Load Connection: L1/Positive -> Relay Contact -> Field Device -> Neutral/Negative ``` ### ### Applications * **Motor Control:** Triggering contactors or VFD start signals. * **Solenoid Valves:** Controlling pneumatic or hydraulic actuators. * **Alarms:** Activating sirens, beacons, or annunciator panels. * **Interface:** Providing clean contact closures to third-party systems.
    ✨ Follow-up Questions
    • ⤷What is the maximum current capacity per common terminal for the 18DO-1-R?
    • ⤷ Does this module support Pulse Width Modulation (PWM) outputs?
    • ⤷ How does this relay module compare to a Triac-based digital output module?