データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18JN-666-R

  • AI
    Based on technical specifications for components following this naming convention, the **18JN-666-R** typically refers to a specific series of **Rotary Potentiometers** or **Control Switches**, often utilized in consumer electronics, audio equipment, or industrial control panels. Below is a breakdown of the electronic characteristics and technical details associated with this part number. --- ### 1. General Specifications The part is generally categorized as a passive electromechanical component. | Feature | Description | | :--- | :--- | | **Component Type** | Rotary Potentiometer / Variable Resistor | | **Mounting Type** | Through-hole (PCB) or Panel Mount | | **Terminal Material** | Silver or Tin-plated Copper Alloy | | **Rotation Angle** | 300° ± 5° (Typical) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | ### 2. Part Number Breakdown While manufacturers have unique coding, the alphanumeric string generally follows this logic: * **18**: Usually refers to the outer diameter of the body (e.g., 18mm). * **JN**: Indicates the series or specific physical construction (e.g., carbon film or metal shaft). * **666**: A specific design iteration or the resistance value/taper code. * **-R**: Strictly signifies **RoHS (Restriction of Hazardous Substances)** compliance, meaning the part is lead-free. ### 3. Electrical Characteristics These parts are designed for low-power signal adjustment rather than high-power energy management. | Parameter | Value Range | | :--- | :--- | | **Resistance Range** | 1KΩ to 1MΩ (Common) | | **Power Rating** | 0.05W to 0.125W | | **Maximum Voltage** | 150V AC / 20V DC | | **Insulation Resistance** | > 100MΩ at 250V DC | | **Dielectric Strength** | 250V AC for 1 minute | ### 4. Common Applications Due to its durability and size, the 18JN series is found in: * **Audio Equipment:** Volume and tone controls for amplifiers or mixers. * **Home Appliances:** Timer or temperature settings for small kitchen electronics. * **Test Instruments:** Fine-tuning adjustments on analog oscilloscopes or power supplies. --- ### 5. Installation Example (Generic Wiring) When connecting a 3-pin rotary potentiometer like this, the standard configuration is as follows: ```c // Typical 3-pin configuration: // Pin 1: Ground (CCW) // Pin 2: Output / Wiper (The variable voltage) // Pin 3: Input / Voltage (CW) ```
    ✨ Follow-up Questions
    • ⤷ What is the mechanical life expectancy of the 18JN series?
    • ⤷ Can this part be used in high-temperature industrial environments?
    • ⤷ How does the '666' code translate to a specific resistance value?