データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18KDYH2-AA6-R/RE

  • AI
    Based on the part number **18KDYH2-AA6-R/RE**, this component is a **high-precision incremental rotary encoder**, typically manufactured by brands like **Nemicon** or similar industrial sensor providers. These devices are used to convert the angular position or motion of a shaft into analog or digital output signals. --- ### 1. Technical Specifications Breakdown | Feature | Specification Details | | :--- | :--- | | **Model Type** | 18KD (Miniature Optical Incremental Encoder) | | **Outer Diameter** | Approximately 18mm (Ultra-compact design) | | **Resolution** | Usually varies; often 100 to 500 pulses per rotation (PPR) | | **Supply Voltage** | Typically 5V DC or 12V-24V DC depending on the driver | | **Output Phase** | A, B, and Z (Index) phases | | **Output Type** | Voltage output or Open Collector | | **Connection** | Radial cable or specialized connector (indicated by R/RE) | --- ### 2. Key Electronic Components Inside this unit, several critical electronic subsystems work together: 1. **Light Source (LED):** An infrared LED that emits a consistent beam of light. 2. **Code Disk:** A high-precision rotating disk with opaque and transparent slots that interrupt the light beam. 3. **Photo-Detector Array:** High-speed photodiodes that capture the light pulses and convert them into small electrical currents. 4. **Signal Processing Circuit:** Includes operational amplifiers and comparators to convert the raw analog signals into clean "square wave" digital pulses. 5. **Output Driver:** A transistor-based stage (often NPN or Line Driver) that allows the signal to travel over cables to a PLC or controller without significant degradation. --- ### 3. Application Areas Due to its small form factor (18mm), this specific part is commonly found in: * **Medical Equipment:** Precision pumps and scanning beds. * **Robotics:** Small joint actuators and motor feedback. * **Office Automation:** High-end printers and scanners. * **Semiconductor Tools:** Wafer handling and positioning. --- ### 4. Wiring Diagram (General Reference) While you should always consult the specific datasheet for the "AA6" variant, standard color coding usually follows this logic: ```yaml Red: Vcc (Power Supply +) Black: 0V (Ground) White: Signal Phase A Pink: Signal Phase B Yellow: Signal Phase Z (Index) Shield: Earth/Ground ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulses per revolution (PPR) for the 18KD series?
    • ⤷ How does the 'R/RE' suffix change the mounting or connection style?
    • ⤷ Which PLC brands are most compatible with this encoder's output signal?