データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18KPR-12-R/S

  • AI
    The **18KPR-12-R/S** refers to a specific series of high-precision, high-voltage resistors, typically manufactured by companies like **Ohmite** or similar specialist high-voltage component producers. These parts are engineered for applications requiring stability under extreme electrical stress. --- ### 1. Key Technical Specifications The part number breakdown generally follows this logic: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | 18KPR | High Voltage Thick Film Series | | **Voltage Rating** | 12kV | Maximum operating voltage (12,000 Volts) | | **Mounting Style** | Radial/Screw | "R/S" typically indicates Radial or Screw-mount configurations | | **Material** | Thick Film | Metal oxide or ruthenium-based paste on ceramic | ### 2. Core Electronic Characteristics * **High Voltage Stability:** Designed to resist "Voltage Coefficient of Resistance" (VCR) effects, ensuring the resistance value doesn't drop significantly as voltage increases. * **Insulation:** The body is usually coated with a high-dielectric silicone or epoxy to prevent arcing and corona discharge. * **Precision Tolerances:** These components often come in tolerances ranging from **1% to 5%**, which is high for components operating at 12kV. ### 3. Common Applications These parts are not found in consumer electronics but rather in industrial and scientific equipment: 1. **X-Ray Equipment:** Used in power supplies to regulate high-voltage tubes. 2. **Electrostatic Precipitators:** Used in air filtration systems to manage high-charge plates. 3. **Measurement Equipment:** Acting as a "Voltage Divider" when paired with a lower-value resistor to safely measure kilovolt-range signals. 4. **Laser Power Supplies:** Providing discharge paths for high-energy capacitors. --- ### 4. Selection Considerations When replacing or designing with an 18KPR-12-R/S, pay attention to these parameters: ```markdown - Power Rating (Watts): Ensure the wattage (heat dissipation) is sufficient for the current flow. - Temperature Coefficient (TCR): Usually measured in ppm/°C; vital for outdoor or high-heat environments. - Creepage Distance: The physical length of the resistor must be long enough to prevent current from "jumping" across the surface. ```
    ✨ Follow-up Questions
    • ⤷ What is the standard power rating (Wattage) for the 18KPR series?
    • ⤷ How do I calculate the voltage divider ratio using this resistor?
    • ⤷ Are there specific mounting precautions to avoid arcing at 12kV?