AI

The **18KPR-22-R** is a specific type of **Rotary Potentiometer**, commonly used in consumer electronics, audio equipment, and industrial control panels. It is designed to act as a variable resistor to control parameters like volume, frequency, or light intensity.
---
### Technical Specifications
Based on the standard nomenclature for this series, here are the general technical characteristics:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Rotary Potentiometer |
| **Resistance Range** | Commonly 1KΩ to 1MΩ |
| **Resistance Taper** | Linear (B) or Logarithmic (A) |
| **Shaft Diameter** | 6mm (Standard) |
| **Power Rating** | 0.05W to 0.1W |
| **Rotation Angle** | 300° ± 5° |
| **Mounting Type** | Through-hole (PCB Mount) |
---
### Key Components and Construction
1. **Resistive Element**: Usually a carbon film track inside the housing. The "18" in the part number often refers to the outer diameter (18mm) of the potentiometer body.
2. **The Wiper**: A metal contact that slides along the resistive element as the shaft is turned, changing the resistance value.
3. **Shaft (K-Type)**: The "K" often denotes a **knurled** (splined) shaft, which allows for a plastic knob to be pushed onto it without needing a set screw.
4. **Terminals (R-Type)**: The "R" usually indicates a specific pin orientation, often referring to **Right Angle** pins for mounting horizontally on a Printed Circuit Board (PCB).
---
### Applications
* **Audio Equipment**: Volume controls for speakers, amplifiers, and mixers.
* **Home Appliances**: Temperature or timer settings on ovens or microwaves.
* **Industrial Controls**: Speed controllers for small DC motors or brightness dimmers.
---
### Terminal Configuration (Standard 3-Pin)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | Ground / CCW | Connected to the start of the resistive track. |
| 2 | Wiper (Output) | The moving contact that provides the variable voltage. |
| 3 | Input / CW | Connected to the end of the resistive track. |
- ⤷
What is the difference between linear and logarithmic tapers for this part?
- ⤷ How can I test if an 18KPR-22-R is functioning correctly using a multimeter?
- ⤷ Are there specific environmental ratings (like IP65) for this model?