データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18PR-14-R

  • AI
    The part number **18PR-14-R** typically refers to a **High-Current Power Relay** or a specific **Wire Harness Connector** assembly, often used in automotive or industrial power distribution applications. Below is a detailed breakdown of the technical aspects typically associated with this series of electronic components. --- ## 1. Component Overview The "18PR" series is generally categorized as a **Heavy Duty Power Relay**. These are designed to switch high-current loads using a low-current control signal. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Contact Form** | SPST (Single Pole Single Throw) or SPDT | | **Nominal Voltage** | 12V DC / 24V DC | | **Current Rating** | 10A to 40A (Depending on specific load) | | **Mounting Type** | PCB Mount or Plug-in | --- ## 2. Key Specifications To understand the part "18PR-14-R," we can break down the suffix logic: ### Electrical Characteristics * **Coil Voltage:** Usually designed for standard DC systems (12V/24V). * **Contact Resistance:** Low milliohm range to prevent overheating during high current flow. * **Dielectric Strength:** Designed to withstand surges between the coil and the contacts (often up to 1000V AC). ### Physical Build * **Sealing:** The "-R" suffix often denotes **Resin-sealed** or **RoHS Compliant**, meaning the unit is protected against dust and moisture. * **Terminals:** Usually copper alloy with silver tin oxide ($AgSnO_2$) contacts for longevity and arc resistance. --- ## 3. Applications These parts are commonly found in the following environments: 1. **Automotive Systems:** Controlling cooling fans, fuel pumps, and headlights. 2. **Industrial Automation:** Used in PLC outputs to drive heavy motors or heaters. 3. **Power Supplies:** Serving as a safety disconnect or high-power switch. --- ## 4. Typical Internal Schematic ```mermaid graph LR A[Coil Terminal 1] --- Coil((Inductor)) Coil --- B[Coil Terminal 2] C[Common Contact] ---|Switch| D[Normally Open] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific maximum current rating for the 18PR-14-R?
    • ⤷ Is the 18PR-14-R available in a 24V variant?
    • ⤷ What are the physical dimensions for PCB footprinting?