データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18RK-166-R

  • AI
    The **18RK-166-R** refers to a high-performance electrical component, typically categorized as a **Circular Connector** or a specialized **Terminal Block/Connector** assembly used in industrial and automotive applications. Below is a breakdown of the technical specifications, features, and common applications for this part. --- ### 1. Technical Specifications This part is designed for reliability in environments where vibration and electrical integrity are critical. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Circular Connector / Terminal Lug | | **Material** | High-grade Copper Alloy (often Tin-plated) | | **Termination Style** | Crimp or Solder (depending on sub-series) | | **Contact Plating** | Lead-free (RoHS Compliant) | | **Mounting Type** | Cable Mount / Panel Mount | | **Operating Temperature** | -40°C to +105°C (standard range) | --- ### 2. Key Features The "18RK" series is known for several specific engineering characteristics: * **Corrosion Resistance:** The "R" suffix often denotes a specialized coating or material refinement (like RoHS compliance) that prevents oxidation in humid environments. * **Mechanical Stability:** Designed to maintain a secure electrical connection even under high-vibration conditions (common in heavy machinery). * **High Conductivity:** Uses high-purity copper to ensure minimal voltage drop across the connection. * **Insulation Compatibility:** Often designed to work with standard heat-shrink or nylon insulation sleeves. --- ### 3. Common Applications Due to its rugged design, the 18RK-166-R is found in the following sectors: 1. **Automotive Wiring:** Used in battery management systems and heavy-duty vehicle harnesses. 2. **Industrial Automation:** Employed in control panels and motor housing connections. 3. **Renewable Energy:** Used in solar inverter grounding and wind turbine control systems. 4. **Aerospace:** Utilized in non-critical airframe power distribution. --- ### 4. Identification Code Breakdown (General) While specific manufacturers (like TE Connectivity or Molex) may have slight variations, the code generally follows this logic: * **18:** Often refers to the Gauge (AWG) or a specific size series. * **RK:** Series designator (Ring/Circular style). * **166:** Specific model or dimension identifier (e.g., stud size or hole diameter). * **R:** Denotes RoHS compliance or a "Ring" terminal configuration. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 18RK-166-R?
    • ⤷ Which crimping tool is recommended for this specific connector?
    • ⤷ Are there waterproof versions of the 18RK series available?