データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18RK-666-R

  • AI
    Based on the model number **18RK-666-R**, this typically refers to a specific type of **Rotary Switch** or **Potentiometer** often used in industrial controls, audio equipment, or toy electronics. --- ## 1. Component Identification The "18RK" series generally points to a **18mm diameter** rotary component. Below is a breakdown of the likely specifications for this part: | Feature | Description | | :--- | :--- | | **Category** | Electromechanical / Passive Component | | **Type** | Rotary Switch or Rotary Potentiometer | | **Diameter** | 18mm (Outer casing) | | **Mounting** | PCB Mount (usually with through-hole pins) | | **Material** | Carbon film or Metal contact points | --- ## 2. Key Electronic Characteristics These parts are designed for low-power signal switching or resistance adjustment. ### A. Electrical Ratings * **Voltage:** Typically rated for 12V DC to 250V AC depending on the specific insulation. * **Current:** Often rated around 0.3A to 0.5A for switches. * **Resistance (if a Potentiometer):** Usually follows a linear (B) or logarithmic (A) taper. ### B. Mechanical Construction * **Rotational Angle:** Usually $300^\circ$ for potentiometers or $30^\circ$ per position for switches. * **Shaft Type:** The "RK" suffix often implies a **Knurled (serrated)** shaft, which allows a knob to be pressed on without a set screw. * **"R" Suffix:** Usually denotes **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is lead-free. --- ## 3. Terminal Configuration A standard 18RK series part will have one of the following layouts: ```markdown Pin Layout (Typical 3-Pin Potentiometer): 1. Terminal 1 (Input/Ground) 2. Terminal 2 (Wiper/Output) 3. Terminal 3 (Input/Ground) ``` If it is a **Rotary Switch** (e.g., 1-pole 6-position), it will have one center common pin and six pins arranged in a circle. --- ## 4. Common Applications * **Volume Controls:** Used in older radio equipment or amplifiers. * **Speed Controllers:** Used in small DC motor applications. * **Mode Selectors:** Used in household appliances (like fans or heaters) to switch between settings. ---
    ✨ Follow-up Questions
    • ⤷ Is this part being used as a volume control or a mode selector?
    • ⤷ Do you need the specific pinout diagram for the 18RK series?
    • ⤷ Are you looking for a modern equivalent or replacement for this part?