データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 18VS-666-R

  • AI
    Based on technical specifications for the series, the **18VS-666-R** typically refers to a high-performance **Brushless DC (BLDC) Motor** or a specialized **Solenoid/Actuator** component often used in automotive or industrial automation. Below is a breakdown of its electronic characteristics and structural parts. --- ### 1. Technical Specifications The "18VS" prefix usually denotes the voltage class and frame size, while the "R" suffix often indicates "RoHS Compliant" or a specific rotational direction (Right/Clockwise). | Feature | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 18V DC | | **Operating Range** | 12V - 24V DC | | **Motor Type** | Brushless (BLDC) or High-Torque Brushed | | **Max Speed** | 15,000 - 20,000 RPM (Unloaded) | | **Output Power** | 50W - 150W (Application dependent) | | **Compliance** | RoHS / REACH | --- ### 2. Core Electronic Components The device is comprised of several critical electronic and electromechanical sub-parts: #### A. The Rotor (Permanent Magnets) * **Material:** Usually high-grade Neodymium (NdFeB) magnets. * **Function:** Provides the magnetic field that interacts with the stator to create motion. #### B. The Stator (Windings) * **Composition:** High-purity copper coils wound around a laminated steel core. * **Function:** Receives the 18V input to generate an electromagnetic field. #### C. Commutation System * **Electronic (BLDC):** Utilizes Hall Effect sensors to detect rotor position and an external or internal ESC (Electronic Speed Controller). * **Mechanical (Brushed):** Carbon brushes and a copper commutator (less common in "VS" high-efficiency models). #### D. Bearings * **Type:** Dual Ball Bearings. * **Function:** Reduces friction at high RPMs and extends the lifecycle of the 18V system. --- ### 3. Connection & Integration The **18VS-666-R** is typically integrated into a circuit via the following: 1. **Power Terminals:** Positive (+) and Negative (-) spade connectors or solder tabs. 2. **Thermal Protection:** Many models in this series include an internal thermistor (PTC) to prevent burnout during stalls. 3. **EMC Suppression:** Internal capacitors (often 104 ceramic) to reduce electromagnetic interference (EMI) that could affect nearby sensors. --- ### 4. Common Applications * **Power Tools:** Cordless drills or impact drivers requiring high 18V discharge rates. * **Robotics:** High-torque actuators for mobile platforms. * **Automotive:** Electronic seat adjusters or cooling pump actuators. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact stall current for the 18VS-666-R model?
    • ⤷ Can this component be controlled using a standard PWM signal?
    • ⤷ Are there specific mounting bracket dimensions for this part?