データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 19API

  • AI
    It appears there may be a slight typo in your request (likely referring to **19-inch rack electronics**, **API standards** in manufacturing, or the **API 500 series** electronic format). Assuming you are referring to the **API 500 Series** (an industry standard for modular electronic components in audio engineering) or the **API (Automated Process Inc.)** hardware architecture, here is the breakdown of the electronic parts and design. --- ## 1. The API 500 Series Architecture The API 500 series is a standard for modular signal processors (preamps, compressors, EQs). The "parts" are divided into the **Chassis (Lunchbox)** and the **Module**. | Component | Function | Key Electronic Parts | | :--- | :--- | :--- | | **Power Supply (PSU)** | Provides stable DC voltage. | Toroidal transformers, Voltage regulators (LM317/337), Filter capacitors. | | **Backplane** | The communication bus. | Card edge connectors (15-pin), Gold-plated PCB traces. | | **I/O Section** | Signal entry/exit. | XLR connectors, D-Sub 25 connectors. | --- ## 2. Key Internal Electronic Components API electronics are famous for their "discrete" design, meaning they use individual components rather than integrated circuit (IC) chips. ### A. The 2520 Operational Amplifier (Op-Amp) This is the "heart" of API electronics. Unlike a single silicon chip, it is a **Discrete Operational Amplifier (DOA)**. * **Transistors:** Uses high-quality bipolar transistors for gain. * **Encapsulation:** Usually potted in a black epoxy resin to provide thermal stability and protect the proprietary design. ### B. Transformers API units are known for their "iron" sound, which comes from large transformers. * **Input Transformer:** Matches impedance and provides galvanic isolation. * **Output Transformer (e.g., AP2503):** Adds harmonic coloration and handles high output levels without clipping. ### C. Passive Components * **Electrolytic Capacitors:** Used for power filtering and DC blocking. * **Precision Resistors:** Usually metal film resistors with 1% tolerance to ensure accuracy in EQ curves. * **Potentiometers/Switches:** High-grade Grayhill switches or ALPS pots for tactile control and longevity. --- ## 3. The 15-Pin Connector Pinout The modular electronic parts interface via a standardized 15-pin card edge connector. ```text Pin 1: Chassis Ground Pin 2: Output + (+4 dBu) Pin 4: Output - Pin 5: Common Ground Pin 12: +16V DC (Power) Pin 13: Power Ground Pin 14: -16V DC (Power) Pin 15: +48V DC (Phantom Power) ``` --- ## 4. Manufacturing Standards (API SPEC 19) If your question refers to **API Specification 19** (often used in Petroleum/Industrial electronics for subsea or offshore equipment): * **Sensors:** High-pressure/High-temperature (HPHT) rated transducers. * **Control Logic:** Redundant PLC (Programmable Logic Controller) systems. * **Cabling:** Armored, shielded cables designed for extreme EMI (Electromagnetic Interference) environments.
    ✨ Follow-up Questions
    • ⤷ Are you referring specifically to the API 500 series audio modules or industrial API standards?
    • ⤷ Would you like a schematic breakdown of a discrete op-amp like the 2520?
    • ⤷ Do you need information on the power requirements for 19-inch rack electronics?