データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1AE-R

  • AI
    The part number **1AE-R** is generally associated with a specific series of **surface-mount (SMD) power inductors** or small-signal components, often manufactured by companies like **Bourns** or **TDK**, or it may refer to a specific marking code for a transistor/diode. However, in the context of general electronics, it is most commonly identified as a **high-frequency chip inductor** or a **marking code** for a discrete semiconductor. --- ### 1. Common Specifications (Inductor Context) If "1AE-R" refers to a wire-wound or multilayer inductor, the "R" typically signifies the decimal point or a tolerance rating. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Surface Mount Device (SMD) | | **Inductance Value** | Often 0.1µH or 1.0µH (depending on series) | | **Tolerance** | Usually ±5% or ±10% | | **Packaging** | Tape & Reel (the "-R" often stands for Reel) | | **Applications** | RF filters, decoupling, and high-frequency oscillators | ### 2. Marking Code Identification In many cases, "1AE" is not the full part number but a **marking code** printed on a tiny SOT-23 package. | Code | Possible Component | Package | Function | | :--- | :--- | :--- | :--- | | **1AE** | BC847A | SOT-23 | NPN General Purpose Transistor | | **1AE** | TPS76318 | SOT-23-5 | Low-Dropout (LDO) Voltage Regulator | ### 3. Key Technical Considerations When replacing or designing with a part labeled **1AE-R**, consider these factors: 1. **Mounting Type:** Almost exclusively SMD (Surface Mount Device). Ensure the footprint (e.g., 0603, 0805, or SOT-23) matches your PCB. 2. **Current Rating:** If it is an inductor, exceeding the rated current will lead to saturation and overheating. 3. **Voltage Rating:** If it is a transistor or regulator, ensure the breakdown voltage meets your circuit requirements. --- ### Typical Circuit Symbol (Inductor) ```text L1 ----(UUU)---- 1AE-R ```
    ✨ Follow-up Questions
    • ⤷ Is 1AE-R a specific manufacturer's part number or a generic marking code?
    • ⤷ What is the physical size (package type) of the component you are looking at?
    • ⤷ Can you provide the name of the manufacturer listed on the datasheet?