データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1BB-R

  • AI
    The code **1BB-R** typically refers to a specific naming convention used for **SMD (Surface Mount Device) resistors** or specialized components like **LEDs** and **capacitors**, often associated with manufacturer-specific part numbering (such as Bourns or Murata). Most commonly, in the context of electronic sourcing, it refers to a **Thick Film Chip Resistor** or a specific **Ferrite Bead** series. --- ## 1. Breakdown of Part Numbering (Standard) While specific manufacturers may vary slightly, the alphanumeric code "1BB-R" generally breaks down as follows: | Component Segment | Meaning | Description | | :--- | :--- | :--- | | **1B** | Case Size | Often corresponds to EIA 0603 (1.6mm x 0.8mm) in certain legacy systems. | | **B** | Tolerance/Feature | Can represent a 0.1% tolerance or a specific temperature coefficient (TCR). | | **-R** | Packaging/RoHS | Standard suffix for "Reel" packaging and "RoHS Compliant" (Lead-free). | --- ## 2. Common Technical Specifications If this refers to a precision chip resistor (the most frequent use of this code), the technical profile usually includes: ### Physical Characteristics * **Mounting Type:** Surface Mount (SMT). * **Package Type:** 0603 or 0402 (depending on the specific series catalog). * **Termination:** Tin (Sn) over Nickel (Ni) barrier. ### Electrical Characteristics * **Resistance Range:** Varies by order (e.g., 10Ω to 1MΩ). * **Power Rating:** Typically 0.063W (1/16W) or 0.1W. * **Operating Temperature:** -55°C to +155°C. * **Compliance:** RoHS compliant and Halogen-free. --- ## 3. Alternative Identification: Ferrite Beads In some RF and EMI filtering contexts, **1BB** refers to a high-impedance ferrite bead used for noise suppression on PCB power lines. ### Key Applications 1. **EMI Suppression:** Used to filter high-frequency noise in digital circuits. 2. **Power Decoupling:** Placed near IC power pins to prevent oscillations. 3. **Signal Integrity:** Used in high-speed data lines to reduce "ringing." --- ## 4. Example Ordering Code (Manufacturer Logic) If you are looking at a catalog from a supplier like **Yageo** or **Panasonic**, the part might look like this in a BOM: ```json { "Part_Number": "RC0603FR-071BBR", "Category": "Resistor", "Type": "Thick Film", "Package": "0603", "Resistance": "Adjustable per order", "Status": "RoHS Compliant" } ``` --- ### Summary Note Because "1BB-R" is a shorthand code, it is highly recommended to verify the **Manufacturer's Datasheet**. If this is a marking found physically on a component, it may be a **marking code** (like EIA-96) rather than a full part number.
    ✨ Follow-up Questions
    • ⤷Are you looking for the datasheet of a specific manufacturer like Bourns or Murata?
    • ⤷ Do you need help decoding the EIA-96 marking code on an SMD resistor?
    • ⤷ Is this part being used for EMI filtering or as a standard resistor?