データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1CTA-R

  • AI
    The **1CTA-R** is a specific electronic component primarily categorized as a **Current Transformer (CT)**. These are precision sensors used to measure alternating current (AC) by producing a proportional current in their secondary winding. --- ### 1. Key Technical Specifications The "1CTA-R" series often refers to specific toroidal or rectangular current transformers used in industrial monitoring. | Feature | Description | | :--- | :--- | | **Component Type** | Current Transformer (AC Sensing) | | **Mounting Type** | PCB Mount or Chassis Mount (depending on suffix) | | **Core Material** | High-permeability Nanocrystalline or Permalloy | | **Primary Current Range** | Typically 0.1A to 50A (varies by model) | | **Accuracy Class** | Generally Class 0.1 or 0.2 (High Precision) | | **Application** | Energy metering, Overcurrent protection | --- ### 2. Physical Construction The device consists of three main parts: 1. **Magnetic Core:** A ring-shaped (toroidal) core that concentrates the magnetic field generated by the primary wire. 2. **Secondary Winding:** Multiple turns of fine copper wire wrapped around the core. 3. **Encapsulation:** Usually housed in a flame-retardant plastic casing (UL94-V0) and filled with epoxy resin for insulation and moisture resistance. --- ### 3. Working Principle The 1CTA-R operates on the principle of **Faraday’s Law of Induction**: * The wire carrying the current to be measured passes through the center of the transformer (acting as a single-turn primary). * The alternating current creates a magnetic field. * The secondary winding captures this field and converts it into a smaller, measurable current. * **Formula:** $I_s = \frac{I_p}{N}$, where $I_s$ is secondary current, $I_p$ is primary current, and $N$ is the number of turns. --- ### 4. Common Applications * **Smart Meters:** Used in electronic energy meters to measure household or industrial power consumption. * **Leakage Detection:** Used in GFCI (Ground Fault Circuit Interrupter) circuits to detect imbalances in current. * **Industrial Automation:** Monitoring motor loads to prevent burnout or mechanical failure. * **Power Supplies:** Monitoring output stages for feedback control. --- ### 5. Installation Precautions ```cpp // Safety Note for 1CTA-R Usage: // NEVER leave the secondary terminals open-circuit while // current is flowing through the primary. // High voltage spikes can occur, damaging the part or // causing electrical shock. ```
    ✨ Follow-up Questions
    • ⤷ What is the typical turns ratio for the 1CTA-R series?
    • ⤷ How does a nanocrystalline core improve performance over standard ferrite?
    • ⤷ Can the 1CTA-R be used to measure DC current?