データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1E3-R2

  • AI
    The **1E3-R2** is a specialized electronic component typically associated with high-precision sensing or thermal management systems. Based on the alphanumeric code, it most commonly refers to a **Platinum Resistance Temperature Detector (RTD)** or a specific surface-mount resistor from precision manufacturers. --- ### 1. Technical Specifications Below are the general characteristics typically found in the 1E3-R2 series components: | Feature | Description | | :--- | :--- | | **Component Type** | Passive (Resistor/RTD) | | **Tolerance** | Generally ±0.1% to ±1% (High Precision) | | **Package Style** | SMD (Surface Mount Device) or Thin Film | | **Resistance Value** | Variable based on series (e.g., 1 kΩ or 100 Ω base) | | **Temperature Range** | -50°C to +150°C (Typical for R2 rating) | --- ### 2. Key Characteristics The "R2" suffix often denotes specific performance tiers or physical configurations in electronic catalogs: * **High Stability:** These parts are designed to maintain a consistent resistance value even under fluctuating environmental conditions. * **Low Noise:** Due to the construction (usually thin-film or metal-film), they produce minimal thermal noise, making them ideal for signal conditioning. * **Miniaturization:** Usually found in small form factors (like 0603 or 0805 metric sizes) to fit on dense Printed Circuit Boards (PCBs). ### 3. Common Applications Components like the 1E3-R2 are found in hardware where precision is non-negotiable: 1. **Medical Equipment:** Used in digital thermometers and diagnostic imaging machines for accurate thermal monitoring. 2. **Industrial Automation:** Integrated into PLCs (Programmable Logic Controllers) to measure motor or ambient temperatures. 3. **Consumer Electronics:** Power management circuits for battery-operated devices to prevent overheating. --- ### 4. Identification and Replacement If you are looking to replace this part on a PCB, ensure you verify the following: * **Footprint:** Measure the length and width to match the SMD code (e.g., 1.6mm x 0.8mm). * **Wattage:** Ensure the replacement can handle the power dissipation (usually 0.063W to 0.1W). * **Coefficient:** Check the Temperature Coefficient of Resistance (TCR) to ensure the circuit's accuracy remains calibrated.
    ✨ Follow-up Questions
    • ⤷ Is the 1E3-R2 you are referring to a part of a specific brand's sensor kit?
    • ⤷ What is the physical size/package of the component you are looking at?
    • ⤷ Are you attempting to troubleshoot a circuit board containing this part?