データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1MD06-059-15

  • AI
    Based on standard electronic component naming conventions and industrial cataloging, the **1MD06-059-15** typically refers to a specialized **Thermoelectric Cooler (TEC) / Peltier Module**. These components are solid-state heat pumps used for precise temperature control. --- ### 1. Component Specifications Thermoelectric modules like the 1MD06 series are categorized by their geometric dimensions and electrical characteristics. | Parameter | Typical Specification | Description | | :--- | :--- | :--- | | **Type** | Single-Stage TEC | Standard Peltier cooling module. | | **Max Current ($I_{max}$)** | ~1.5A to 2.0A | The maximum current the device can handle. | | **Max Voltage ($V_{max}$)** | ~7.0V to 8.5V | Depending on the internal couple count. | | **Max $\Delta T$** | $\ge 68^\circ C$ | The max temperature difference between sides. | | **Ceramic Material** | Alumina ($Al_2O_3$) | Provides electrical insulation and thermal conductivity. | | **Dimensions** | 6mm x 6mm (approx) | Small form factor for micro-electronics. | --- ### 2. Internal Structure and Operation The "1MD06" designation often points to a module with a specific number of semiconductor couples (P-type and N-type bismuth telluride pellets). 1. **Hot Side vs. Cold Side:** When DC current flows through the device, heat is moved from one side to the other. 2. **Sealing:** These units are often "Lapped" (unsealed) or "Sealed" with silicone or epoxy to prevent moisture ingress. 3. **Leads:** Typically equipped with 150mm (or 15cm) insulated wire leads, signified by the suffix in many catalogs. --- ### 3. Common Applications Due to its small size and precise cooling capabilities, this part is used in: * **Optoelectronics:** Cooling laser diodes to maintain wavelength stability. * **Laboratory Equipment:** Precise cooling for PCR thermal cyclers or small sensors. * **Telecommunications:** Thermal management for high-speed optical transceivers. * **CCD/CMOS Imaging:** Reducing "dark current" noise in digital cameras by cooling the sensor. --- ### 4. Technical Precautions > **Warning:** Never apply power to a TEC module without a proper **heat sink** attached to the hot side. Without a heat sink, the device will overheat and fail (melt the internal solder) within seconds. * **Polarity:** Reversing the current direction reverses the direction of heat flow (the cold side becomes the hot side). * **Thermal Interface:** Use a high-quality thermal grease or pad between the module and the heat sink.
    ✨ Follow-up Questions
    • ⤷ What is the maximum cooling capacity (Qmax) for the 1MD06-059-15?
    • ⤷ How do I calculate the required heat sink size for this Peltier module?
    • ⤷ Can this module be used for heating as well as cooling?