データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1N1663

  • AI
    The **1N1663** is a high-power, industrial-grade silicon rectifier diode. It is specifically designed for heavy-duty applications requiring high current rectification. --- ### 1. Key Technical Specifications The 1N1663 belongs to a family of power diodes typically housed in a rugged stud-mount package to facilitate heat dissipation. | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Silicon Power Rectifier | | **Forward Current ($I_F$)** | ~25 - 35 Amperes | | **Peak Inverse Voltage ($V_{RRM}$)** | 400 Volts | | **Package Type** | DO-5 (Stud Mount) | | **Operating Temperature** | -65°C to +175°C | | **Forward Voltage Drop ($V_F$)** | ~1.1V to 1.3V | --- ### 2. Physical Construction and Housing The most distinctive feature of the 1N1663 is its **DO-5 Stud Mount** package. * **Threaded Stud:** The base of the diode is a threaded metal bolt (usually copper for high conductivity). This allows the diode to be screwed directly into a metal chassis or a large aluminum heat sink. * **Anode/Cathode Orientation:** In standard versions, the stud is the **Cathode**, and the top terminal (lug) is the **Anode**. However, "R" suffix versions (1N1663R) have reverse polarity where the stud is the Anode. * **Hermetic Seal:** The internal silicon wafer is protected by a glass-to-metal or ceramic-to-metal seal to prevent moisture contamination. --- ### 3. Primary Applications Because of its high current handling and robust physical build, it is not used in small electronics, but rather in: 1. **Industrial Power Supplies:** Converting AC line voltage to high-current DC for heavy machinery. 2. **Battery Chargers:** Used in large-scale chargers for forklifts or marine batteries. 3. **Welding Equipment:** Rectifying high currents for arc welding power sources. 4. **Motor Controllers:** Providing flyback protection or rectification in DC motor drives. --- ### 4. Circuit Symbol and Example In a circuit diagram, it uses the standard diode symbol. To use it in a Full-Wave Bridge Rectifier, four such diodes would be mounted to a common heat sink (with appropriate electrical insulation if the heat sink is grounded). ```mermaid graph LR A[AC Input] --> D1[1N1663 Diode] D1 --> B[DC Output / Load] B --> C[Ground/Return] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1N1663 and the 1N1663R?
    • ⤷ How do you properly mount a stud-mount diode to a heat sink?
    • ⤷ What are the modern replacements for the 1N1663 series?