データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1S-R15

  • AI
    The term **1S-R15** typically refers to a high-precision, high-reliability metal film resistor or a specific surface-mount (SMD) component configuration. In the electronics industry, this nomenclature usually breaks down into specific technical characteristics regarding resistance value and physical sizing. --- ### 1. Decoding the Part Number In the context of standard electronic labeling, the code "R15" signifies the resistance value using the R-decimal system. | Component Code | Meaning | Technical Value | | :--- | :--- | :--- | | **1S** | Series/Power Rating | Often denotes a 1-Watt Small (S) form factor or a specific manufacturer series. | | **R15** | Resistance Value | The "R" acts as a decimal point. This equals **0.15 Ohms**. | ### 2. Key Technical Specifications While exact specs vary by manufacturer (such as KOA Speer or Vishay), components labeled 1S-R15 generally share these traits: * **Resistance:** 0.15 Ω (Low Ohmic value). * **Tolerance:** Typically ±1% (F) or ±5% (J). * **Power Dissipation:** Usually rated for 1 Watt in a compact body. * **Type:** Metal Film or Metal Plate (Current Sensing). * **Application:** Used primarily for **Current Sensing** or **Shunt** applications due to the low resistance. --- ### 3. Common Applications Because 0.15Ω is a very low resistance value, these parts are not used for standard signal limiting, but rather for power management: 1. **Current Sensing:** Placed in series with a load to measure voltage drop, allowing a microcontroller to calculate current consumption ($I = V/R$). 2. **Over-current Protection:** Used in power supplies to trigger a shutdown if the current exceeds safe limits. 3. **LED Drivers:** To regulate the constant current flowing through high-power LEDs. 4. **DC-DC Converters:** As part of the feedback loop for voltage regulation. --- ### 4. Typical Physical Form Factors These parts are available in both Through-Hole and Surface Mount Technology (SMD). | Type | Appearance | Mounting Style | | :--- | :--- | :--- | | **Axial Lead** | Cylindrical with color bands or text. | Through-hole (PCB holes) | | **SMD (2512)** | Flat rectangular chip (large size for heat). | Surface Mount (Pads) | ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'S' in the 1S power rating?
    • ⤷ How do I calculate the voltage drop across an R15 resistor at 2 Amps?
    • ⤷ Are there specific brands that use the 1S-R15 naming convention?