データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1S7A-R

  • AI
    The part number **1S7A-R** typically refers to a specific series of **Automotive Relays** or high-current control modules, often associated with Ford/Visteon manufacturing standards (where "1S7A" is a prefix for parts designed for vehicles like the Ford Mondeo or Focus). Below is a breakdown of the electronic components, specifications, and functions related to this part series. --- ### 1. General Specifications These parts are designed for 12V automotive electrical systems and are built to withstand harsh engine environments. | Feature | Specification | | :--- | :--- | | **Voltage Rating** | 12V DC | | **Current Rating** | Typically 20A to 70A (model dependent) | | **Contact Material** | Silver Alloy (AgSnO2 or similar) | | **Operating Temp** | -40°C to +125°C | | **Coil Resistance** | ~60 to 90 Ohms | --- ### 2. Internal Electronic Structure The "1S7A-R" series usually follows the **ISO Mini** or **Micro Relay** footprint. Internally, the device consists of: * **The Electromagnetic Coil:** When 12V is applied to the trigger pins (85 and 86), it creates a magnetic field. * **The Armature:** A movable piece of metal pulled by the magnetic field to close the circuit. * **High-Current Contacts:** The load pins (30 and 87) that carry the heavy current to the vehicle component. * **Suppression Component (The "R"):** The "R" suffix often indicates an internal **Resistor** wired in parallel with the coil. This is used to suppress "flyback voltage" (voltage spikes) that occur when the relay is turned off, protecting the vehicle's sensitive Engine Control Unit (ECU). --- ### 3. Common Pin Configuration (ISO Standard) Most 1S7A-R relays use the following 4-pin or 5-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **30** | Common / Battery | High current input from the battery. | | **85** | Coil Ground | The negative side of the trigger circuit. | | **86** | Coil Power | The positive side of the trigger circuit (from switch/ECU). | | **87** | Normally Open (NO) | Power output to the component when energized. | | **87a** | Normally Closed (NC) | (Optional) Power output when the relay is OFF. | --- ### 4. Typical Applications In automotive electronics, these relays are used to control high-load devices that the dashboard switches cannot handle directly: * **Fuel Pump Control:** Managing high-pressure fuel delivery. * **Cooling Fans:** Switching the radiator fan on/off based on temperature. * **Headlights:** Controlling high-wattage halogen or HID bulbs. * **AC Compressor:** Engaging the electromagnetic clutch for air conditioning. --- ### 5. Identification Example A full part number might look like: `1S7A-9L490-AA` or `1S7A-10B926-AA`. * **1S7A:** The Engineering Year/Model Code. * **Basic Part Number:** Identifies if it is a relay, sensor, or module. * **Suffix:** Indicates the specific revision or hardware version. ---
    ✨ Follow-up Questions
    • ⤷ How do I test a 1S7A relay using a multimeter?
    • ⤷ What is the difference between a resistor-suppressed and a diode-suppressed relay?
    • ⤷ What happens to the circuit if the internal resistor in a 1S7A-R relay fails?