データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 1Y-R

  • AI
    The part number **1Y-R** typically refers to a specific marking code or a sub-series of electronic components. Depending on the manufacturer and the package type, this code most commonly identifies a **Zener Diode** or a **Voltage Regulator**. --- ## 1. Primary Identification: Zener Diode In many SMD (Surface Mount Device) marking systems, the code "1Y" corresponds to a specific Zener voltage. ### Specifications Table | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Zener Diode | | **Zener Voltage ($V_z$)** | 6.8V | | **Power Dissipation ($P_d$)** | 200mW - 500mW (depending on package) | | **Package Type** | SOD-323, SOD-523, or SOT-23 | | **Tolerance** | ±5% (Standard) | --- ## 2. Component Variations The suffix **"-R"** usually denotes the packaging format or a specific orientation in the carrier tape: * **Tape and Reel:** The "R" often stands for "Reel," indicating the part is supplied on a 7-inch or 13-inch reel for automated SMT assembly. * **Reverse Pinout:** In rare cases, "R" can indicate a reverse pin configuration compared to the standard model. --- ## 3. Alternative Identification: Transistors In some marking schemes (such as those by NXP or ON Semi), "1Y" can refer to a specific transistor type. ### Possible Transistor Match | Code | Part Number | Type | Features | | :--- | :--- | :--- | :--- | | **1Y** | BC848B | NPN Transistor | General purpose, Low noise | | **1Y** | BZX585-C6V8 | Zener Diode | 6.8V voltage regulation | --- ## 4. Application Uses Components marked with 1Y-R are generally used for: 1. **Voltage Shunting:** Protecting sensitive downstream components from overvoltage. 2. **Voltage Reference:** Providing a stable reference voltage in analog circuits. 3. **Signal Clipping:** Limiting the amplitude of a waveform in communications equipment. ### Summary Checklist To confirm if your specific part is the 6.8V Zener: * Check the physical package size (e.g., is it a 2-pin SOD-323?). * Measure the voltage drop across it in a test circuit. * Consult the specific manufacturer’s datasheet (e.g., Diodes Inc., Nexperia, or Vishay) as marking codes can overlap between brands.
    ✨ Follow-up Questions
    • ⤷How do I test a Zener diode with a multimeter?
    • ⤷ What is the difference between SOD-323 and SOT-23 packages?
    • ⤷ Can I replace a 1Y-R with a 1Z-R?