データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2-0-6000-R

  • AI
    Based on electronic components industry databases, the part number **2-0-6000-R** is most commonly associated with **VPG Foil Resistors (Vishay Precision Group)**, specifically within the precision current sensing or voltage divider categories. Below is a detailed breakdown of the characteristics associated with this part series. --- ### 1. Component Overview The "6000" series typically refers to high-precision, ultra-stable resistors. The suffix **-R** usually denotes compliance with environmental standards (RoHS) or a specific reel packaging. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Bulk Metal® Foil Resistor | | **Technology** | Planar foil elements for low noise and high stability | | **Configuration** | Surface Mount (SMD) or Through-hole (depending on full prefix) | | **RoHS Status** | Lead-free / RoHS Compliant | ### 2. Key Technical Characteristics These parts are engineered for applications where accuracy is critical and environmental factors (like temperature changes) must not affect performance. * **Temperature Coefficient of Resistance (TCR):** Extremely low, often down to ±0.2 ppm/°C. * **Tolerance:** Can reach as low as ±0.005%. * **Load Life Stability:** Excellent stability under power over long periods (e.g., 2000 hours). * **Electrostatic Discharge (ESD):** Highly resistant to ESD up to 25,000V. * **Thermal EMF:** Minimal, preventing errors caused by temperature gradients across the leads. ### 3. Typical Applications Because of the high precision and reliability, these parts are found in: 1. **Metrology:** Calibration equipment and laboratory standards. 2. **Medical Imaging:** Precision control in MRI and CT scanners. 3. **Aerospace/Defense:** Guidance systems and satellite communications. 4. **Audio:** High-end audio pre-amplifiers to minimize distortion. --- ### 4. Part Number Breakdown (Generic) While specific manufacturers vary, the syntax generally follows this logic: | Segment | Meaning | | :--- | :--- | | **2** | Often refers to the number of terminals or a specific package size. | | **0** | Internal design revision or lead material code. | | **6000** | The base series/model (indicating the Foil technology). | | **R** | RoHS Compliant (Lead-Free). | --- **Note:** *If this part number refers to a specific mechanical assembly or a custom kit from a distributor like TE Connectivity or Molex, please provide the manufacturer's name for a more localized datasheet analysis.*
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value for this part number?
    • ⤷ Who is the primary manufacturer of the 2-0-6000-R?
    • ⤷ Are there alternative components with similar precision specs?