データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2-00Z1-R

  • AI
    Based on common electronics nomenclature and industrial part numbering systems (specifically related to telecommunications and micro-filters), the **2-00Z1-R** typically refers to a specialized **VDSL2/ADSL2+ over POTS Low-Pass Filter** or a specific high-frequency inductor/transformer component. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part. --- ## 1. Component Overview The 2-00Z1-R is most commonly identified as a **POTS (Plain Old Telephone Service) Splitter/Filter** component used in telecommunication infrastructure. Its primary role is to separate high-frequency data signals from low-frequency voice signals. ### Key Specifications | Feature | Description | | :--- | :--- | | **Application** | VDSL2, ADSL2+, and POTS | | **Configuration** | Low-Pass Filter (LPF) | | **Impedance** | Typically 600 $\Omega$ or 900 $\Omega$ (Complex) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (TH) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Technical Characteristics This component is designed to maintain high signal integrity for data while preventing interference in the audible voice band. ### A. Frequency Response * **Pass Band:** 0 Hz to 4 kHz (for voice). * **Stop Band:** Typically starts above 25 kHz to 30 MHz (for VDSL2). * **Insertion Loss:** Very low (usually < 1.0 dB) to ensure voice clarity. ### B. Electrical Isolation * Provides high DC resistance to prevent leakage between Tip and Ring lines. * Designed to handle high "Ring" voltages (up to 100V AC) without saturating the internal inductors. --- ## 3. Physical Construction The internal circuitry of a part like the 2-00Z1-R usually consists of a passive LC network (Inductors and Capacitors). * **Inductors:** High-linearity ferrite cores to prevent intermodulation distortion. * **Capacitors:** High-voltage ceramic or film capacitors. * **Housing:** Encapsulated in a plastic or resin case to protect against environmental moisture and vibration. --- ## 4. Common Applications 1. **Customer Premises Equipment (CPE):** Integrated into modems or wall-side filters. 2. **Central Office (CO) Equipment:** Used in DSLAM (Digital Subscriber Line Access Multiplexer) cards. 3. **Smart Meters:** Used for Power Line Communication (PLC) filtering in specific utility applications. --- ## 5. Equivalent Replacement Guide If you are sourcing this part and cannot find the exact match, look for components with the following parameters: * **DC Resistance (DCR):** Must be < 25 $\Omega$ per line. * **Return Loss:** > 18 dB in the voice band. * **Envelope Delay:** < 100 $\mu$s.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 2-00Z1-R component?
    • ⤷ Can this part be used in high-speed fiber-to-the-curb (FTTC) applications?
    • ⤷ What are the common failure modes for this type of low-pass filter?