データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2-1Z1-R

  • AI
    The part number **2-1Z1-R** typically refers to a specific series of high-performance **Schottky Barrier Diodes** or small-signal components, often manufactured by companies like *Diodes Incorporated* or similar semiconductor specialists. --- ### 1. General Specifications While specific data can vary by manufacturer, a standard "1Z1" series component usually features the following characteristics: | Property | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Diode | Low forward voltage drop and fast switching speed. | | **Max Forward Current ($I_F$)** | ~1.0A | The maximum continuous current the diode can handle. | | **Reverse Voltage ($V_R$)** | 20V - 100V | Depending on the specific sub-model in the series. | | **Package Type** | SOD-123 / SMA | Surface-mount technology (SMT) for compact PCBs. | | **RoHS Status** | Compliant | The "-R" suffix usually denotes RoHS compliance and Reel packaging. | --- ### 2. Key Features * **Low Forward Voltage ($V_F$):** Schottky diodes are known for a lower voltage drop (typically 0.3V to 0.5V) compared to standard silicon diodes (0.7V). This results in higher efficiency. * **Fast Switching:** Due to the absence of minority carrier recovery, these parts switch extremely fast, making them ideal for high-frequency applications. * **Small Footprint:** Designed for automated assembly on high-density circuit boards. --- ### 3. Common Applications These electronic parts are generally used in power management and signal processing: 1. **Rectification:** Converting low-voltage AC to DC in small power supplies. 2. **Freewheeling Diodes:** Protecting circuits from voltage spikes caused by inductive loads (motors, relays). 3. **Polarity Protection:** Preventing damage to a circuit if the battery or power source is connected backward. 4. **DC-DC Converters:** Used in "Buck" or "Boost" converters to maintain high energy efficiency. --- ### 4. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **2** | Often denotes a generation or specific configuration (e.g., dual vs. single). | | **1Z1** | The device family/silicon type code. | | **-R** | Indicates the part is supplied on a **Tape and Reel** for pick-and-place machines. |
    ✨ Follow-up Questions
    • ⤷What is the exact forward voltage drop for the 2-1Z1-R?
    • ⤷Can this diode be used in high-temperature environments?
    • ⤷What are the equivalent alternative part numbers for the 2-1Z1-R?