データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2-4BC-R

  • AI
    The part number **2-4BC-R** generally refers to a specific type of **Binding Post** or **Banana Plug connector**, most notably manufactured by companies like **Pomona Electronics**. These components are foundational in laboratory environments and electronic testing for creating secure, low-resistance connections. --- ### 1. Key Technical Specifications The "2-4BC-R" typically breaks down into the following physical and electrical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Dual Binding Post to BNC Male (or similar adapter) | | **Current Rating** | Typically 15A to 30A (depending on wire gauge) | | **Voltage Rating** | Hands-free: 2500 VDC; Hand-held: 30V AC / 60V DC | | **Body Material** | Polyamide (Nylon) or Polycarbonate insulation | | **Contact Material** | Brass (Nickel or Gold plated) | | **Color Code** | Red (R) for Positive/Signal | --- ### 2. Physical Design & Variations The "2-4BC" series is designed for versatility. Here is how the parts are usually structured: * **The "2":** Often signifies a dual-configuration or a specific mounting pitch (standard 0.75" centers). * **The "4BC":** Refers to the style of binding post, which accepts standard 4mm banana plugs, spade lugs, or bare wire through the cross-hole. * **The "R":** Specifies the color **Red**. This is critical for visual circuit identification (Red for positive, Black for negative/ground). --- ### 3. Common Applications These parts are used extensively in the following scenarios: 1. **Power Supplies:** Used as output terminals where users can either plug in a lead or screw down a raw wire. 2. **Test Fixtures:** Creating a bridge between specialized test equipment (like an Oscilloscope) and a breadboard or prototype. 3. **Amplifiers:** High-end audio or signal amplifiers often use these for speaker or output connections due to the high surface area of the contact. --- ### 4. Comparison of Connection Methods The 2-4BC-R is popular because it supports multiple connection styles: | Method | Benefit | | :--- | :--- | | **Banana Plug** | Fast "plug and play" connectivity. | | **Spade Lug** | High vibration resistance; very secure. | | **Bare Wire** | No special connectors needed on the cable end. | | **Cross-Hole** | Allows daisy-chaining multiple signals. |
    ✨ Follow-up Questions
    • ⤷ What is the standard mounting distance between Red and Black binding posts?
    • ⤷ Are there waterproof versions of the 2-4BC series available?
    • ⤷ What is the difference between nickel-plated and gold-plated versions of this connector?