データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2-510-R

  • AI
    The **2-510-R** typically refers to a high-performance **Step Motor Driver** (often associated with the PM1 step motor driver series or similar industrial motion control modules). These units are critical components in CNC machinery, automation, and precision positioning systems. --- ## 1. Core Technical Specifications The following table outlines the general electronic characteristics of the 2-510-R driver module: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Typically 24V DC to 40V DC | | **Output Current** | 1.0A to 5.0A (Peak) | | **Control Signal** | Pulse / Direction (TTL Compatible) | | **Microstep Resolution** | Up to 12,800 steps/rev (Adjustable) | | **Operating Temp** | 0°C to 50°C | | **Cooling** | Natural air or Forced air (Heatsink integrated) | --- ## 2. Key Electronic Components & Functions The internal circuitry of the 2-510-R is designed to convert low-voltage logic signals into high-power current pulses for the motor. ### A. Power Stage (H-Bridge) The "R" in the model often signifies a high-efficiency design using **MOSFETs** or **IGBTs** in an H-Bridge configuration. This allows the driver to reverse current through the motor windings rapidly to achieve high-speed rotation. ### B. Microstepping Logic Instead of moving in full steps (usually 1.8°), the electronic controller uses **Pulse Width Modulation (PWM)** to divide the current between windings. This results in: * Smoother motion at low speeds. * Reduced resonance/vibration. * Higher positioning accuracy. ### C. Protection Circuitry The module includes several safety features to prevent electronic failure: * **Over-Voltage Protection:** Shuts down if the power supply exceeds safety limits. * **Over-Current Protection:** Prevents the MOSFETs from burning out if a motor lead shorts. * **Optical Isolation:** The input signals (Step/Dir) are usually optoisolated to protect the PLC or Controller from electrical noise and voltage spikes from the motor side. --- ## 3. Connection Pinout (Typical) Most 2-510-R units use a standard screw terminal interface: | Pin Label | Description | | :--- | :--- | | **V+ / GND** | DC Power Supply Input | | **A+ / A-** | Motor Phase A Connection | | **B+ / B-** | Motor Phase B Connection | | **PUL+ / PUL-** | Pulse Input (Controls Speed) | | **DIR+ / DIR-** | Direction Input (Controls Rotation) | | **ENA+ / ENA-** | Enable/Disable Signal | --- ## 4. Usage Tips 1. **Heat Dissipation:** Ensure the driver is mounted on a metal surface. At high current settings (above 3A), the 2-510-R generates significant heat. 2. **DIP Switch Configuration:** Before powering on, check the side-mounted DIP switches to match the **Current (Amps)** and **Resolution (Steps)** to your specific stepper motor. 3. **Wiring:** Never disconnect the motor while the power is on; this creates a "back-EMF" spike that can instantly destroy the output transistors.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct current setting for a specific NEMA motor?
    • ⤷ What are the most common causes of driver overheating in the 2-510-R?
    • ⤷ Can this driver be controlled directly by an Arduino or Raspberry Pi?