データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2-CAA-R/

  • AI
    The **2-CAA-R** is a specific model designation typically associated with **Pressure Sensors** or **Pressure Transducers**, often manufactured by companies like **Copale** or used in specific industrial HVAC and hydraulic applications. Below is an explanation of the electronic components and technical specifications associated with this part. --- ### 1. Technical Specifications The 2-CAA-R usually refers to a ratiometric or analog output pressure sensor. Here are the typical electronic characteristics: | Feature | Specification | | :--- | :--- | | **Output Type** | Analog (typically 0.5V to 4.5V Ratiometric) | | **Supply Voltage** | 5V DC (±10%) | | **Pressure Range** | Varies by sub-model (Commonly 0-10 bar to 0-600 bar) | | **Connection Type** | Usually a Packard Connector or M12 | | **Internal Sensing Element** | Ceramic thick-film or Piezo-resistive | --- ### 2. Internal Electronic Components The device is not just a simple mechanical switch; it contains integrated circuitry to process signals: * **Sensing Bridge:** A Wheatstone bridge circuit printed on a ceramic base. As pressure deforms the diaphragm, the resistance changes. * **ASIC (Application Specific Integrated Circuit):** This is the "brain" of the 2-CAA-R. It performs: * **Signal Amplification:** Boosting the millivolt signal from the bridge. * **Temperature Compensation:** Correcting errors caused by thermal expansion or contraction. * **Calibration:** Ensuring the output voltage aligns precisely with the pressure input. * **EMC Protection:** Capacitors and resistors designed to protect the sensor from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). --- ### 3. Wiring Configuration Most 2-CAA-R sensors utilize a 3-wire system. The electronics are mapped as follows: 1. **Vcc (Red/Pin 1):** Positive power supply (5V). 2. **GND (Black/Pin 2):** Common ground. 3. **Vout (White or Green/Pin 3):** The signal output that varies based on pressure. ### 4. Typical Applications * **Automotive:** Monitoring oil or fuel pressure. * **HVAC/R:** Refrigerant pressure monitoring in industrial chillers. * **Hydraulics:** Real-time feedback for pump control systems. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pressure range for the 2-CAA-R model you are looking at?
    • ⤷ How do you calibrate a ratiometric pressure sensor?
    • ⤷ What are the common failure modes for ceramic thick-film sensors?