データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2-E10-R

  • AI
    Based on the part number provided, **2-E10-R** typically refers to a **Plug-in Style Bridge (Jumper)** used in terminal block assemblies, most commonly associated with industrial automation components (like those from Phoenix Contact or similar manufacturers). --- ## Technical Specifications: 2-E10-R The "2" usually denotes the number of positions (2-way), and "R" signifies the color (Red). ### 1. General Characteristics | Feature | Description | | :--- | :--- | | **Type** | Plug-in Bridge / Jumper Bar | | **Number of Positions** | 2 | | **Color** | Red (R) | | **Material** | Copper with Tin plating (Insulated with Polyamide PA) | | **Mounting Type** | Plug-in | ### 2. Functional Purpose In electronic and electrical panels, these parts are used to: * **Create Common Potentials:** Efficiently bridge two adjacent terminal blocks to share the same voltage or ground. * **Space Efficiency:** Eliminate the need for "daisy-chaining" wires, which saves space and reduces wiring errors. * **Maintenance:** Allow for quick disconnection or reconfiguration of circuits without unscrewing wires. ### 3. Electrical Ratings (Typical) * **Current Rating:** Often rated up to **24A - 32A** (depending on the specific terminal block series it is paired with). * **Voltage Rating:** Generally rated for **600V - 800V** (based on the insulation properties of the bridge housing). --- ## Component Structure 1. **Conducting Path:** A solid metal bar (usually copper alloy) that provides a low-resistance path between terminals. 2. **Insulation Shroud:** The red plastic housing that prevents accidental contact with live parts (IP20 touch protection). 3. **Contact Pins:** Prongs designed to fit into the bridge shaft of compatible terminal blocks (e.g., Push-in, Screw, or Spring-cage types). --- ## Comparison with Similar Parts | Part Number | Positions | Color | Primary Use | | :--- | :--- | :--- | :--- | | **2-E10-R** | 2 | Red | Positive (+) or Phase | | **2-E10-B** | 2 | Blue | Negative (-) or Neutral | | **3-E10-R** | 3 | Red | Bridging 3 adjacent blocks |
    ✨ Follow-up Questions
    • ⤷Which terminal block series is compatible with the 2-E10-R bridge?
    • ⤷ What is the maximum current capacity for this specific jumper?
    • ⤷ Does this part come in different colors for DC circuit coding?