データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2-RK

  • AI
    The term **2-RK** typically refers to a specific naming convention or SMD (Surface Mount Device) marking code found on electronic components. Most commonly, this code is associated with **Bipolar Junction Transistors (BJTs)** or specific **Resistor Networks**. Below is a breakdown of the parts most frequently associated with the "2-RK" marking. --- ### 1. 2-RK as an SMD Marking Code In the world of miniature electronics, components are too small to have full part numbers printed on them. Instead, manufacturers use short codes. | Component Type | Likely Part Number | Package Type | Description | | :--- | :--- | :--- | :--- | | **NPN Transistor** | BC847BW | SOT-323 | General purpose small signal transistor. | | **Resistor Network** | 742C083472J | Concave Chip | A 2-resistor isolated network (sometimes abbreviated in specific layouts). | ### 2. The BC847BW Transistor (Most Common) If you see "2RK" on a 3-pin SMD component (SOT-323), it is almost certainly a **BC847BW**. #### Key Specifications: * **Polarity:** NPN * **Collector-Emitter Voltage ($V_{ceo}$):** 45V * **Continuous Collector Current ($I_c$):** 100mA * **Power Dissipation ($P_{tot}$):** 200mW * **Typical Use:** Switching and amplification in low-power circuits. ### 3. Physical Identification To confirm if your part is a "2-RK", check the following: 1. **Package Size:** SOT-323 is smaller than the standard SOT-23. 2. **Orientation:** The "2R" usually represents the device family (BC847B), and the "K" often acts as a date code or a location-specific manufacturing site identifier. --- ### Comparison with Similar Codes It is easy to confuse "2RK" with other similar markings. Use this table to differentiate: | Code | Component | Difference | | :--- | :--- | :--- | | **2R** | BC847B | Standard SOT-23 package. | | **2RK** | BC847BW | SOT-323 (smaller) version. | | **2R-** | Various | The dash/symbol often indicates lead-free or halogen-free. | --- ### Summary for Repair/Design If you are replacing a part marked **2-RK**: * Ensure the package matches (SOT-323). * Verify it is an NPN transistor if used in a switching circuit. * If found in a resistor array, measure the resistance across pairs to find the Ohmic value.
    ✨ Follow-up Questions
    • ⤷ How do I test a 2-RK transistor using a multimeter?
    • ⤷ What is the difference between SOT-23 and SOT-323 packages?
    • ⤷ Are there equivalent parts for the BC847BW?