データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2000-R3-

  • AI
    The designation **2000-R3** typically refers to a high-performance **Programmable Automation Controller (PAC)** or a specific series of I/O modules, most notably associated with the **ControlLogix** or similar industrial automation platforms (such as those by Rockwell Automation/Allen-Bradley or high-end relay controllers). Below is a breakdown of the electronic components and technical specifications associated with this class of hardware. --- ### 1. Core Technical Specifications These devices are designed for industrial environments requiring high reliability and rapid processing. | Component | Specification | Description | | :--- | :--- | :--- | | **Processor** | 32-bit RISC | Handles complex logic and floating-point math. | | **Memory** | Non-volatile Flash | Stores firmware and user programs without battery backup. | | **Communication** | Ethernet/IP or RS-485 | Standard ports for network integration and SCADA. | | **Input Voltage** | 24V DC | Standard industrial power supply requirement. | | **Operating Temp** | -20°C to 60°C | Ruggedized for factory floor environments. | --- ### 2. Key Electronic Parts and Functions The architecture of the 2000-R3 series is modular. Here are the primary internal electronic sections: #### A. Power Regulation Circuitry * **Optoisolators:** Protect the sensitive internal microprocessor from high-voltage spikes on the input/output lines. * **DC-DC Converters:** Step down the 24V input to 3.3V or 5V for the logic gates. #### B. The Logic Engine * **ASIC (Application-Specific Integrated Circuit):** Often used in the R3 revision to speed up the "backplane" communication, allowing the module to talk to other parts of the rack instantly. * **SRAM:** High-speed volatile memory used for real-time data buffering. #### C. Input/Output (I/O) Interface * **Relay Drivers:** Transistors (often MOSFETs) that act as switches to trigger external machinery. * **Analog-to-Digital Converters (ADC):** Used if the specific R3 model handles sensors (like temperature or pressure), converting electrical signals into binary data. --- ### 3. Revision "R3" Improvements In industrial electronics, the **R3** suffix usually denotes the third hardware revision. Common improvements in this version include: 1. **Increased Component Density:** Moving to surface-mount technology (SMT) to reduce heat. 2. **Enhanced Noise Immunity:** Better shielding against Electromagnetic Interference (EMI) from nearby motors. 3. **Firmware Resilience:** Improved bootloader logic to prevent "bricking" during updates. --- ### 4. Implementation Example (Wiring Logic) ```cpp // Pseudocode logic for a 2000-R3 Controller Unit if (Sensor_Input_01 == HIGH) { Activate_Relay(Output_Port_A); Log_Event("System Cycle Started"); } else { Check_Fault_Status(); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for your 2000-R3 module (e.g.
    • ⤷ Allen-Bradley
    • ⤷ Mitsubishi)?
    • ⤷ Are you looking for a pinout diagram for this specific part?
    • ⤷ Do you need troubleshooting steps for a communication error on this device?