データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 210X-R10

  • AI
    Based on your query, the **210X-R10** typically refers to a specific hardware revision or configuration of the **CP210x USB-to-UART Bridge Controller** family (often associated with the CP2102 or CP2104 series) by Silicon Labs. These parts are widely used in embedded systems to allow microcontrollers to communicate with a PC via USB. --- ### 1. Key Electronic Components The "R10" designation usually implies a specific package type or a revision of the internal circuitry. Below are the primary internal and external electronic characteristics: | Component | Function | Description | | :--- | :--- | :--- | | **Transceiver** | USB 2.0 Full-Speed | Handles data rates up to 12 Mbps. | | **Voltage Regulator** | 3.3V LDO | Internal regulator that converts 5V (USB) to 3.3V for the chip and external components. | | **EEPROM** | 1024-byte Internal | Stores Vendor ID (VID), Product ID (PID), and serial numbers. | | **Clock Circuit** | Internal Oscillator | Eliminates the need for an external crystal, saving PCB space. | | **UART Interface** | Data Signals | Supports TX, RX, RTS, CTS, DTR, DSR, DCD, and RI signals. | --- ### 2. Technical Specifications The electronics are designed for low power consumption and high reliability in industrial environments. * **Logic Level:** 3.3V (but I/O pins are typically 5V tolerant). * **Baud Rates:** 300 bps to 1 Mbps (CP2102) or 2 Mbps (CP2104). * **Operating Temperature:** -40°C to +85°C. * **Interface Type:** UART (Universal Asynchronous Receiver-Transmitter). --- ### 3. Pinout and Connectivity If you are integrating this part into a circuit, these are the critical connections: 1. **VBUS:** Connects to the +5V from the USB port. 2. **GND:** Common ground. 3. **D+ / D-:** Differential pair for USB data communication. 4. **TXD / RXD:** The serial data lines connected to your Microcontroller (MCU). 5. **VPP:** Only used during the programming of the internal EPROM. --- ### 4. Implementation Example (Python) If you are using a 210X-R10 bridge to communicate with a device, you would typically use the `pySerial` library in Python: ```python import serial # Configure the serial port # The CP210x will appear as a COM port (Windows) or /dev/ttyUSB (Linux) ser = serial.Serial( port='COM3', baudrate=115200, timeout=1 ) # Write data to the UART device ser.write(b'Hello Device') # Read response response = ser.readline() print(f"Received: {response.decode('utf-8')}") ser.close() ```
    ✨ Follow-up Questions
    • ⤷ What is the specific difference between the CP2102 and CP2104 R10 revisions?
    • ⤷ Can the 210X-R10 be powered directly from a 5V microcontroller without the internal regulator?
    • ⤷ How do I program the custom VID/PID on a 210X-R10 chip?