データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 214-R

  • AI
    The term **214-R** typically refers to a specific variation of a mechanical or electronic component, most commonly associated with **Electromechanical Power Relays** or specific **SMD resistors/capacitors**. Below is a breakdown of the electronic parts associated with the "214-R" designation, focusing on the most common application: the **General Purpose Power Relay**. --- ## 1. The 214-R Series Power Relay In power electronics, "214" often refers to a series of high-capacity relays (like those manufactured by companies like *Song Chuan* or *Tyco/OEG*). The "R" suffix usually denotes a specific feature like **Dust Cover protection** or **Resistor suppression**. ### Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Contact Form** | 1 Form A (SPST) or 1 Form C (SPDT) | | **Contact Rating** | 20A to 30A @ 120VAC / 24VDC | | **Coil Voltage** | 5V, 12V, or 24V DC | | **Mounting Type** | PCB Through-hole | | **Suffix "R" Meaning** | Often indicates a **Resistor** across the coil (for EMF suppression) or a specific **Reflow-solderable** housing. | --- ## 2. Component Composition An electronic part like the 214-R relay consists of several internal sub-components: ### A. The Coil (The Actuator) * **Function:** Creates a magnetic field when current passes through. * **Material:** Fine copper wire wound around a plastic bobbin. * **The "R" factor:** If the R stands for "Resistor," a small SMD resistor is placed in parallel with the coil to soak up voltage spikes when the relay turns off, protecting the driving transistor. ### B. The Contacts * **Material:** Silver Tin Oxide ($AgSnO_2$) or Silver Cadmium Oxide ($AgCdO$). * **Purpose:** These are the "switch" parts that handle the high-current load. ### C. The Armature and Spring * **Function:** The mechanical lever that moves when the coil is energized. The spring ensures the contacts return to their default state (Normally Closed or Open) when power is removed. --- ## 3. Alternative Identification (Resistors/SMD) If "214-R" refers to a surface-mount component (SMD), it follows a different coding logic: * **SMD Resistor Code "214":** This represents a resistance value. * `21` = Significant digits. * `4` = Multiplier ($10^4$). * **Value:** $210,000 \Omega$ or **210 kΩ**. * **R Placement:** If the "R" is used as a decimal point (e.g., `2R14`), the value is **2.14 Ω**. --- ## 4. Common Applications Parts labeled 214-R are frequently found in: * **Automotive Electronics:** Power windows, fuel pump controllers, and lighting. * **Home Appliances:** Control boards for washing machines and air conditioners. * **Industrial Automation:** PLC output modules and motor starters. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of the 214-R part you are looking for?
    • ⤷ Are you trying to identify the resistance value or the relay pinout?
    • ⤷ Does the 'R' on your component stand for RoHS compliance or a Resistor?