データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 215W2-R

  • AI
    The **215W2-R** typically refers to a high-frequency **Surface Mount Device (SMD) Power Inductor** or a specific series of wire-wound components used in power management. These parts are critical for regulating voltage and filtering noise in compact electronic circuits. ### 1. Component Overview The 215W2-R series is designed for applications requiring high current handling and low Direct Current Resistance (DCR). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Metal Composite | | **Shielding** | Shielded (to reduce EMI) | | **Common Applications** | DC-DC Converters, LED Drivers, Motherboards | --- ### 2. Key Technical Characteristics #### A. Inductance and Tolerance The "215" in the part number often signifies the inductance value. Depending on the manufacturer's coding: * **Inductance:** Usually represented in microhenries (µH). * **Tolerance:** Typically ±20% (M) or ±10% (K). #### B. Current Ratings * **Isat (Saturation Current):** The current level at which the inductance drops by a specific percentage (usually 30%). * **Irms (Rise Current):** The continuous current that causes a specific temperature rise (usually 40°C) above ambient. #### C. DCR (DC Resistance) The 215W2-R is engineered for **Low DCR**. This minimizes power loss as heat, making the component highly efficient for battery-operated devices. --- ### 3. Physical Construction The "W" often indicates a **Wire-wound** construction. 1. **Wire:** High-quality copper wire with insulation. 2. **Core:** A ferrite drum core that concentrates the magnetic field. 3. **Base/Terminals:** Solder-plated pads designed for reflow soldering processes. ### 4. Circuit Implementation Example In a buck converter circuit, the 215W2-R acts as an energy storage element. ```cpp // Logic representation of Inductor behavior in a Switch Mode Power Supply if (Switch == CLOSED) { Inductor_Stores_Energy(); // Current increases linearly } else { Inductor_Releases_Energy(); // Current flows to the load via Diode } ``` --- ### 5. Identification and Cross-Referencing When sourcing or replacing a 215W2-R, ensure the following match: * **Footprint:** Ensure the pad dimensions (Length x Width) match your PCB layout. * **Height:** Check the "Z-height" if the device casing is slim. * **Operating Temperature:** Ensure it meets the industrial (-40°C to +125°C) or commercial grade required.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value in µH for the 215W2-R code?
    • ⤷ Can you provide the physical dimensions (footprint) for this specific series?
    • ⤷ Which manufacturers are the primary producers of the 215W2-R inductor?