データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 22-R

  • AI
    The term **"22-R"** in electronics usually refers to a specific resistance value for a resistor. In the context of component marking and circuit design, the "R" acts as both a decimal point and a multiplier. --- ### 1. Understanding the "22-R" Label In electronic notation, "R" stands for **Ohms (Ω)**. It is used to prevent confusion that might occur if a tiny decimal point were printed on a small component and then rubbed off or misread. | Notation | Meaning | Resistance Value | | :--- | :--- | :--- | | **22R** | 22 Ohms | 22 Ω | | **2R2** | 2.2 Ohms | 2.2 Ω | | **R22** | 0.22 Ohms | 0.22 Ω | | **22K** | 22 Kilohms | 22,000 Ω | --- ### 2. Common Types of 22-Ohm Resistors The "22-R" part can come in various physical packages depending on the power requirements of the circuit: #### A. Through-Hole (Axial) * **Appearance:** Cylindrical with colored bands. * **Color Code:** Red, Red, Black, Gold (for 5% tolerance). * **Usage:** Breadboarding, prototyping, and older consumer electronics. #### B. Surface Mount (SMD) * **Appearance:** Tiny black rectangular chips. * **Marking:** Usually printed as **"220"** (22 + zero zeros) or **"22R"**. * **Usage:** Modern smartphones, motherboards, and compact gadgets. --- ### 3. Common Applications A 22-ohm resistor is a relatively low resistance value. It is typically used for: 1. **Current Limiting:** Protecting LEDs from drawing too much power. 2. **USB Termination:** Many USB data lines (D+ and D-) use 22-ohm resistors to match impedance and prevent signal reflections. 3. **Gate Resistors:** Placed between a microcontroller and a MOSFET gate to slow down the switching speed and reduce electromagnetic interference (EMI). 4. **Inrush Protection:** Limiting the initial "spike" of current when a device is first turned on. --- ### 4. Technical Specifications to Check When sourcing a 22-R part, you must consider more than just the resistance: | Specification | Description | | :--- | :--- | | **Tolerance** | How accurate it is (e.g., ±1%, ±5%). | | **Power Rating** | How much heat it can dissipate (e.g., 1/8W, 1/4W, 1W). | | **Temperature Coefficient** | How much the resistance changes as the part gets hot. | ---
    ✨ Follow-up Questions
    • ⤷ How do I read the color bands on a 22-ohm through-hole resistor?
    • ⤷ What happens if I use a 220-ohm resistor instead of a 22-ohm resistor?
    • ⤷ How do I calculate the power rating needed for a 22R resistor?