データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 22000-R

  • AI
    The **22000-R** typically refers to a high-capacity **22,000 µF (Microfarad) Aluminum Electrolytic Capacitor**, often rated for high voltage or heavy-duty ripple current applications. These components are "bulk" energy storage devices used in power electronics. --- ### 1. Key Technical Specifications While specific dimensions vary by manufacturer (such as Nichicon, Nippon Chemi-Con, or Panasonic), the core electronic characteristics include: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Capacitance** | 22,000 µF | The ability to store electrical charge. | | **Voltage Rating** | 16V to 450V+ | The maximum DC voltage the part can handle. | | **Tolerance** | ±20% (M) | The allowable variance in actual capacitance. | | **Mounting Style** | Snap-In or Screw Terminal | How the part attaches to the PCB or chassis. | | **Temperature** | 85°C or 105°C | The maximum operating thermal limit. | --- ### 2. Core Internal Components An electrolytic capacitor of this size is composed of several critical layers: 1. **Anode Foil:** A high-purity aluminum foil etched to increase surface area, then oxidized to create a dielectric layer. 2. **Cathode Foil:** A plain aluminum foil that serves as the second electrode. 3. **Electrolyte:** A conductive liquid or gel that fills the gap between the foils. 4. **Separator Paper:** Prevents the two foils from touching (short-circuiting) while holding the electrolyte. 5. **Safety Vent:** A localized weak point in the casing designed to rupture if internal pressure builds up, preventing an explosion. --- ### 3. Common Applications Due to the massive capacitance value (22,000-R), these parts are used for: * **Smoothing (Filtering):** Converting pulsed DC from a rectifier into smooth, steady DC in high-power amplifiers or server power supplies. * **Energy Storage:** Providing "holdup time" for systems during brief power interruptions. * **Inverters:** Used in solar power or motor drives to stabilize the DC bus. * **Audio Equipment:** Ensuring a constant reservoir of power for deep bass notes in professional subwoofers. --- ### 4. Identification and Markings When looking at the physical part, you will find: * **Negative Stripe:** A vertical band (usually white or grey) indicating the negative terminal. * **Code "22000":** Representing the capacitance. * **Case Size:** Usually measured in Diameter (D) x Length (L) (e.g., 35x50mm).
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix in specific manufacturer series?
    • ⤷ How do I calculate the ripple current rating for a 22000uF capacitor?
    • ⤷ What are the common failure modes for large electrolytic capacitors?