データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2220SDF-R12

  • AI
    ### Technical Overview: 2220SDF-R12 The **2220SDF-R12** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Fast-Acting Fuse** or a specialized **Schottky Barrier Diode** depending on the specific manufacturer (most commonly associated with circuit protection series). In most industrial contexts, this part number refers to a high-performance **2220-size (Metric 5750)** surface-mount component designed for power management and circuit protection. --- ### Key Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Package / Case** | 2220 (5750 Metric) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Current Rating** | 12 Amperes (indicated by "12") | | **Response Time** | Fast-Acting / Fast Blow (indicated by "SDF") | | **RoHS Status** | Compliant (Lead-Free) | --- ### Detailed Component Characteristics #### 1. Physical Dimensions (2220 Package) The "2220" designation refers to the physical footprint of the part: * **Length:** 5.7 mm (0.22 inches) * **Width:** 5.0 mm (0.20 inches) * **Height:** Varies by manufacturer, usually between 1.5mm to 2.5mm. #### 2. Functional Application * **Circuit Protection:** This component is primarily used to protect sensitive integrated circuits (ICs) from overcurrent conditions. * **High-Density PCB Design:** Due to its SMD nature, it is ideal for automated assembly in space-constrained environments like laptop motherboards, server power supplies, and telecommunications equipment. #### 3. Material and Construction * **Terminations:** Usually matte tin-plated over a nickel barrier to ensure excellent solderability and prevent "tin whiskers." * **Body:** Ceramic or high-temperature composite housing to withstand thermal shock during a fault event. --- ### Implementation Guidelines To ensure the longevity of the **2220SDF-R12**, follow these technical considerations: ```markdown 1. De-rating: Always operate the component at 75% or less of its rated current (12A) for continuous loads to account for ambient temperature increases. 2. Solder Profile: Use a standard Lead-Free reflow profile (Peak temp ~260°C). 3. Trace Width: Ensure the PCB copper traces are wide enough to handle 12A without excessive heat generation. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the 2220SDF-R12?
    • ⤷ Can this component be used in automotive applications (AEC-Q200)?
    • ⤷ What are the specific melting I2t values for this fuse?