データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2220SDF-R27

  • AI
    The **2220SDF-R27** is a specific type of surface-mount electronic component, typically categorized as a **Wire-wound Surface Mount Inductor (Choke)**. This part is designed for high-frequency applications, power management, and noise filtering. Below is a detailed breakdown of its specifications, construction, and typical use cases. --- ## 1. Technical Specifications The alphanumeric code "2220SDF-R27" provides specific data about its physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Case Size** | 2220 | 5.6mm x 5.0mm (Length x Width) | | **Inductance** | 0.27 µH | Denoted by "R27" (R = decimal point) | | **Type** | SDF | Standard Shielded/Unshielded Ferrite Core Series | | **Mounting Type** | SMD/SMT | Surface Mount Technology | | **Material** | Ferrite | High-permeability core material | --- ## 2. Key Features * **High Current Handling:** Due to the wire-wound construction, these inductors can handle higher currents compared to multilayer ceramic inductors. * **Low DC Resistance (DCR):** The use of thick copper wire minimizes energy loss as heat. * **High Self-Resonant Frequency (SRF):** Enables the component to maintain inductive characteristics at high frequencies. * **Rugged Construction:** Usually coated with epoxy resin or enclosed in a magnetic shield to prevent interference and provide physical durability. --- ## 3. Internal Construction The "2220SDF" series generally follows this architecture: 1. **Core:** A ferrite drum core that concentrates the magnetic field. 2. **Winding:** Enameled copper wire wound precisely around the core. 3. **Terminations:** Solder-plated (usually Tin/Silver/Copper) pads for connection to the PCB. 4. **Coating:** A protective layer (often black epoxy) to stabilize the windings and provide a flat surface for vacuum pick-and-place machines. --- ## 4. Typical Applications The **0.27 µH** inductance value is relatively low, making it ideal for high-speed circuits: * **DC-DC Converters:** Used as a storage element in high-frequency switching power supplies. * **RF Coupling/Decoupling:** Filtering out high-frequency noise in telecommunications equipment. * **Voltage Regulator Modules (VRM):** Common in motherboards and GPU power stages. * **EMI Suppression:** Acting as a low-pass filter to prevent electromagnetic interference. --- ## 5. Equivalent Parts & Manufacturers While "2220SDF" is often a generic or manufacturer-specific series prefix (like those from **Bourns, TDK, or Murata**), equivalent parts can be found by searching for: * Metric size: **5750** * Imperial size: **2220** * Value: **270nH** (Nanohenries)
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the 2220SDF-R27?
    • ⤷ How does the 'R27' inductance value compare to a '271' value in SMD coding?
    • ⤷ Are there shielded versions of the 2220 size inductor to reduce EMI?